Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 30 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 26Page - STMicroelectronics STWBC2-HP Datasheet HTML 27Page - STMicroelectronics STWBC2-HP Datasheet HTML 28Page - STMicroelectronics STWBC2-HP Datasheet HTML 29Page - STMicroelectronics STWBC2-HP Datasheet HTML 30Page - STMicroelectronics STWBC2-HP Datasheet HTML 31Page - STMicroelectronics STWBC2-HP Datasheet HTML 32Page - STMicroelectronics STWBC2-HP Datasheet HTML 33Page - STMicroelectronics STWBC2-HP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 96 page
background image
Figure 34. FSK bit streaming overview
The WPC-Qi fixes the duration of a symbol to 256 cycles of PWM.
The HR-PWM manages FSK function using a FIFO of 72 symbols. The FIFO is filled with symbols by writing
FSK_FIFO_DATA register (8 symbols written per access). When FSK is enabled using the bit FSK_EN of the
PWM_CONTROL_1 register and the FSK FIFO is not empty, the HR-PWM gets bits from FIFO and assigns the
FSK signal accordingly.
The bit rate of FIFO data sent is configured in the FSK_SYMBOL_DURATION registers. The value corresponds to
bit rate counted in number of PWM cycles. A PWM cycle corresponds to a list of steps rollover.
For WPC-Qi compliant FSK, FSK_SYMBOL_DURATION is set to 256. The FIFO can be flushed by setting
the bit FLUSH_FSK_FIFO in the PWM_CONTROL_2 register. The PWM_STATUS register gives FIFO status
information: FSK_FIFO_EMPTY, FSK_FIFO_FULL and FSK_FIFO_HALF_FULL bits.
The FSK_FIFO_HALF_FULL passes 1 if the quantity of symbols in the FIFO is strictly above 36. This
information is useful to reload the FIFO in case of message occupying more than 72 symbols. In fact, since
FSK_FIFO_HALF_FULL is 0, it is certain that 36 symbols can be written in the FIFO. Because of 8bits mapping, it
is certain that 4 writes to FSK_FIFO_DATA register can be done (so 32 symbols).
The FSK functionality requires the following configuration steps:
1.
Configure the duration of a symbol in FSK_SYMBOL_DURATION (256 for WPC-Qi).
2.
Upload up to 72 symbols in the FSK FIFO by writing FSK_FIFO_DATA (8 symbols per write).
3.
Enable the FSK function by setting 1 the bit FSK_EN in the PWM_CONTROL_1 register.
4.
The FSK function drains the FIFO at the configured rate.
5.
While some symbols have not been pushed in the FIFO:
a.
Wait for FSK_FIFO_HALF_FULL passing 0.
b.
Write up to 32 symbols in FSK_FIFO_DATA (4 writes).
6.
Wait for FSK_FIFO_EMPTY passing 1. That signals that message has been sent.
7.
Disable the FSK by writing 0 in FSK_EN bit.
It is possible to let FSK_EN always be 1. In this case, the FSK starts since a write is done in the FSK_FIFO_DATA
register. This method imposes that subsequent symbols must be written at a rate higher than the FSK draining
one.
2.2.1.4.3
Chronometer configuration
The HR-PWM includes a chronometer function that allows measuring time elapsed between the start of PWM
period (so when list of steps rolls over) and a HW event. The HW event can be chosen by programming the field
EXT_EVENT_SEL in the PWM_CONTROL_1 register:
1.
Quarter wave of LC ringing node
2.
Inverse of quarter wave of LC ringing node
3.
Zero crossing of bridge current
4.
Inverse of zero crossing of bridge current
5.
Zero crossing of LC ringing node
6.
Inverse of zero crossing of LC ringing node
7.
pwm_output[3]
8.
Inverse of pwm_output[3]
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 30/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com