Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 32 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 28Page - STMicroelectronics STWBC2-HP Datasheet HTML 29Page - STMicroelectronics STWBC2-HP Datasheet HTML 30Page - STMicroelectronics STWBC2-HP Datasheet HTML 31Page - STMicroelectronics STWBC2-HP Datasheet HTML 32Page - STMicroelectronics STWBC2-HP Datasheet HTML 33Page - STMicroelectronics STWBC2-HP Datasheet HTML 34Page - STMicroelectronics STWBC2-HP Datasheet HTML 35Page - STMicroelectronics STWBC2-HP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
Table 23. Main PWM operating parameters
Parameter
Value
Frequency
40 MHz max.
Phase count
17
Number of signal generation steps
16
FSK FIFO data size
72-bit
Step coarse time value
2 to 4095
Step fine time value
0 to 16
FSK FIFO cycle count
1 to 1023
2.2.1.6
Configuration register overview
For the HR-PWM complete configuration register list overview please contact our sales representative.
2.2.2
Phase demodulator
2.2.2.1
Overview
The phase demodulator is used to detect the variation of tank phase linked to the Rx modulation. The phase
demodulator provides a digital output being the detected modulation.
2.2.2.2
Feature list
•
Variable input frequency decimator
•
3rd order digital LP & HP filter with programmable cut-off frequency
•
Comparator with programmable hysteresis
2.2.2.3
Functional description
Here below is shown the internal circuit block diagram.
Figure 35. Phase modulator block diagram overview
The Main PWM provides chronometer values. These values are sampled in a form coarse + fine.
The phase/frequency demodulator uses chronometer information. The times captured at each half-wave of Main
PWM are summed together. The sample rate is a direct function of PWM frequency so variable from 100 ks/s to
300 ks/s. A simple decimation is implemented using an exponential average. The average value is sampled at 40
ks/s fixed sample rate. A filtering machine calculates the required LPF & HPF to select the modulation bandwidth.
Finally, a comparator with 0 provides a digital 1bit form of the demodulation.
The exponential average computes the following formulae at each Input sample:
Average=Average+ Input− Average4
When the 40 ks/s sampling time occurs, the Average/4 value is captured and is used by the filtering machine.
After the sampling, the Average value is initialized at the first incoming sample with the following formulae:
Average=4*Input
The filtering machine runs HPF and LPF filters to select the modulation bandwidth. The filters have the following
equations:
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 32/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com