Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 43 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 39Page - STMicroelectronics STWBC2-HP Datasheet HTML 40Page - STMicroelectronics STWBC2-HP Datasheet HTML 41Page - STMicroelectronics STWBC2-HP Datasheet HTML 42Page - STMicroelectronics STWBC2-HP Datasheet HTML 43Page - STMicroelectronics STWBC2-HP Datasheet HTML 44Page - STMicroelectronics STWBC2-HP Datasheet HTML 45Page - STMicroelectronics STWBC2-HP Datasheet HTML 46Page - STMicroelectronics STWBC2-HP Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
2.2.6.3
Functional description
This IP generates a repetitive programmable pulse pattern (usable with LED or Buzzer circuit) accordingly with
the register parameter's configuration values. Alternatively, the LED signal may be used as a general I/O signal
controlled by SW.
Here below is shown an outline view of the LED pattern generator block diagram:
Figure 45. LED_SPK block diagram overview
2.2.6.4
Programming
After power-up the IP is disabled; the usage of this requires the following program sequences:
2.2.6.4.1
Pattern generator
1.
Configure the 16-bit repetition data pattern through the registers: LED_BUZZER_<x>_PATTERN_L and
LED_BUZZER_<x>_PATTERN_H.
2.
Configure the pulse frequency by programming the clock pre-scale (Prescale) through
register field LED_BUZZER_<x>_CLK_DIV[1:0] and clock division (Clkdivision) via register field
LED_BUZZER_<x>_CLK_DIV[7:2].
The pulse pattern frequency is generated according to the following equation:
Fpulse= Fafe
Clkdivision+1* Prescale 
Table 32 summarizes the range of pulse frequency configurable with the register parameters assuming Fafe
= 16 MHz:
Table 32. Pulse range configuration values
Pulse frequency configuration
Prescale
Step division
Clkdivision = 0
Clkdivision = 126
Unit
00
256
62500
492.126
Hz
01
2048
7812.5
61.51575
10
16384
976.5625
7.689469
11
131072
122.0703
0.961184
3.
Selecting the I/O driver mode operations and current sink configuring respectively the register fields
LED_BUZZER_<x>_CFG[2:0] and LED_BUZZER_<x>_CFG[4:3].
4.
Enabling the pulse logic generation by clearing the register field LED_BUZZER_<x>_CFG[5] enable bit.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 43/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com