Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 65 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 61Page - STMicroelectronics STWBC2-HP Datasheet HTML 62Page - STMicroelectronics STWBC2-HP Datasheet HTML 63Page - STMicroelectronics STWBC2-HP Datasheet HTML 64Page - STMicroelectronics STWBC2-HP Datasheet HTML 65Page - STMicroelectronics STWBC2-HP Datasheet HTML 66Page - STMicroelectronics STWBC2-HP Datasheet HTML 67Page - STMicroelectronics STWBC2-HP Datasheet HTML 68Page - STMicroelectronics STWBC2-HP Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
SW RST and Clock gating
13
BB-DCDC
pll_clk_gated[0] /
sync_nrst_pll_0
BB-DCDC IP
14
QF controller
pll_clk_gated[0] /
sync_nrst_pll_0
Qfactor IP
15
HR-PWM(2)
sync_nrst_pll_0
Controls only the reset. The clock of HR-PWM
is directly provided by the pll_clk_gated[16:0] lines
disabling by PLL_ENABLE signal.
1. The trimming and DFT registers are reset with the main reset signal line.
2. The clock enable controllability PLL_CLK_GATED[15] line is reserved.
2.2.12.6
Operating parameters
Table 48 summarizes the IP functional operating parameters:
Table 48. RCC operating parameters
Parameter
Value
Comment
AFE input clock (CLK_IN)
16 MHz
Basic clock low speed
PLL reference output clock
16 MHz
Synch. with CLK_IN
CLK_OUT output clocks
16 MHz
Synch. with CLK_IN
PLL_CLK input clock
40 MHz
Clock high speed
PLL_CLK_GATED output clocks
40 MHZ
Synch. with PLL_CLK
CLK_DMD output clock
100 kHz
Synch. with CLK_IN
2.2.12.7
Configuration register overview
Table 49 shows the list of RCC configuration registers overview:
Table 49. RCC configuration registers overview
Registers overview
Name
Description
Type
Page
Offset
Reset val.
RCC_CLOCK_EN_0
Clock enabling of digital cells 0
R/W
0
0x38
0xFF
RCC_CLOCK_EN_1
Clock enabling of digital cells 1
R/W
0
0x39
0xFF
RCC_RESET_N_0
Reset of digital cells 0
R/W
0
0x3A
0xFF
RCC_RESET_N_1
Reset of digital cells 1
R/W
0
0x3B
0x1F
RCC_CLK_CONFIG_0
Clock configuration 0
R/W
0
0x3C
0x00
RCC_CLK_CONFIG_1
Clock configuration 1
R/W
0
0x3D
0x00
RCC_CLK_CONFIG_2
Clock configuration 2
R/W
0
0x3E
0x00
RCC_STATUS
Reset and clock status
R
0
0x3F
0x0Y(1)
1. Refer to register definition.
2.2.13
SPI slave interface
2.2.13.1
Overview
This block is the AFE communication interface with the MCU companion DIE; the SPI slave interface decodes
SPI serial signals and generates a corresponding parallel peripheral bus transaction.
Figure 64 shows the SPI block diagram overview.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 65/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com