Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 79 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 75Page - STMicroelectronics STWBC2-HP Datasheet HTML 76Page - STMicroelectronics STWBC2-HP Datasheet HTML 77Page - STMicroelectronics STWBC2-HP Datasheet HTML 78Page - STMicroelectronics STWBC2-HP Datasheet HTML 79Page - STMicroelectronics STWBC2-HP Datasheet HTML 80Page - STMicroelectronics STWBC2-HP Datasheet HTML 81Page - STMicroelectronics STWBC2-HP Datasheet HTML 82Page - STMicroelectronics STWBC2-HP Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ILED_FREQ
Pattern frequency
10
kHz
VLED_IL
GPIO operations(2): low
input voltage level
0.8
V
VLED_IH
GPIO operations(2): high
input voltage level
2
V
VLED_OL
GPIO operations(2): low
output voltage level
ILOAD=6 mA (sourced)
0.4
V
VLED_OH
GPIO operations(2): high
output voltage level
ILOAD=-6 mA (sunk)
VLDO_3V3-
0.4
V
fLED_GPIO
GPIO operations(2):
operating frequency
C=50 pF
2
MHz
Q-FACTOR DRIVER
VRING_NODE_RNG
Oscillation amplitude
Steady-state with ZCD lock
0.020
1
2
Vpp
EIQF_SINK
Sink current capability error
on all steps
VDD=5 V
VQF_DRV≤VDD-0.5 V
SHORT=0, IQF_SOURCE=0
10
%
EIQF_SOURCE
Source current capability
error on all steps
VDD=5 V
VQF_DRV≥0.5 V
SHORT=0, IQF_SINK=0
10
%
EΔI
Sink/Source mismatch error
on all steps
VDD=5 V
VQF_DRV=VDD/2
SHORT=0
7
%
ISEL
Current programmable step
count
(excluded off state)
16
IQF_STEP
Current regulation step
250
μA
RINGING NODE VOLTAGE SENSE & DEMODULATION
IRING_NODE
RING_NODE_SNS input
current
during power transfer
V-I conversion is made by means
of 100 kΩ external resistor.
±0.01
±1
mA
RING_NODE_SNS input
current
during Q-factor
measurement
V-I conversion is made by means
of 100 kΩ external resistor.
±0.1
±10
μA
fRING_NODE
Current & Voltage
frequency range
100
300
kHz
RGAIN_NODE_SNS
Trans-resistance gain
values of the internal I-V
converter
IRING_NODE=±[0.8÷1] mA
2.2
kW
IRING_NODE=±[0.6÷0.8] mA
3.0
kW
IRING_NODE=±[0.44÷0.6] mA
4.0
kW
IRING_NODE=±[0.32÷0.44] mA
5.4
kW
IRING_NODE=±[0.24÷0.32] mA
7.4
kW
IRING_NODE=±[0.18÷0.24] mA
9.9
kW
IRING_NODE=±[0.135÷0.18] mA
13.2
kW
IRING_NODE=±[0.060÷0.135] mA
17.7
kW
IRING_NODE=±[0.025÷0.060] mA
39.4
kW
IRING_NODE=±[0.001÷0.025] mA
94.8
kW
IRING_NODE=±[4÷1] μA(3)
224.8
kW
IRING_NODE=±[1.6÷4] μA(3)
566.2
kW
IRING_NODE=±[0.1÷1.6] μA(3)
1442
kW
fLPF_NODESNSDEMOD
Low pass filter frequency
values
-10%
4
+10%
kHz
STWBC2-HP
Electrical characteristics
DS13825 - Rev 1.0
page 79/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com