Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 81 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 77Page - STMicroelectronics STWBC2-HP Datasheet HTML 78Page - STMicroelectronics STWBC2-HP Datasheet HTML 79Page - STMicroelectronics STWBC2-HP Datasheet HTML 80Page - STMicroelectronics STWBC2-HP Datasheet HTML 81Page - STMicroelectronics STWBC2-HP Datasheet HTML 82Page - STMicroelectronics STWBC2-HP Datasheet HTML 83Page - STMicroelectronics STWBC2-HP Datasheet HTML 84Page - STMicroelectronics STWBC2-HP Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VGEN_DP(DM)
DP & DM
generator
0.6 V voltage mode,
ILOAD: 0 ÷ 1 mA
0.5
0.6
0.7
V
3.3 V voltage mode,
ILOAD: 0 ÷ 1 mA
3.0
3.3
3.6
V
2.8 V voltage mode,
ILOAD: 0 ÷ 1 mA
2.6
2.8
3.0
V
Current Mode Boundaries(4)
25
175
μA
IVGEN_DP(DM)
VGEN_DP(DM) voltage
generator current capability
0.5
1
mA
IDM_SINK/IDP_SINK
Sink current from USB_DM
or USB_DP pad
See STM32G071
62
100
144
μ
A
VISINK_DP(DM)
IDP(DM)_SINK current
generator operative voltage
0.1
V
RLD_DP(DM)
USB_DP & USB_DM pull-
down resistance
Pull-down mode - 20 k◻ load
16
20
24
kΩ
TSETT_VGEN_DM(DP)
Configuration settling time
50
μs
1. See STM32G071 datasheet for details about NRST MCU pin.
2. LED driver bypassed, direct pin driving (5 V GPIO).
3. To be used during Q-factor measurement only.
4. For source current less than IDP_SINK min. (25 μA), the voltage on USB_DP pin is required to be no higher than VDAT_SINK
max. (150 mV). For USB_DP voltage lower than VLGC max. (2 V) the current sunk from USB_DP pin shall to not higher than
IDP_SINK max. (175 μA). Same requirements apply to USB_DM pin.
STWBC2-HP
Electrical characteristics
DS13825 - Rev 1.0
page 81/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com