Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 28 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 24Page - STMicroelectronics STWBC2-HP Datasheet HTML 25Page - STMicroelectronics STWBC2-HP Datasheet HTML 26Page - STMicroelectronics STWBC2-HP Datasheet HTML 27Page - STMicroelectronics STWBC2-HP Datasheet HTML 28Page - STMicroelectronics STWBC2-HP Datasheet HTML 29Page - STMicroelectronics STWBC2-HP Datasheet HTML 30Page - STMicroelectronics STWBC2-HP Datasheet HTML 31Page - STMicroelectronics STWBC2-HP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
Figure 33. Sequencer timing diagram overview
The disabling sequence is starting when list rolls over.
2.2.1.4
Programming
This section gives details about the HR-PWM SW configuration.
2.2.1.4.1
Sequencer configuration
The HR-PWM provides PWM0 & 1 primary outputs. PWM0 drives a half-bridge or one side of a full-bridge. PWM1
drives the other side of a full-bridge.
The HR-PWM provides also the complementary output of PWM0 and PWM1. By default, the complementary
signals are simply the inverse of the primary outputs. Hence, PWM0 and its complementary drive a half-bridge.
PWM1 and its complementary drive the other half-bridge. This default mode relies on the capability of the gate
driver to deal with anti-cross conduction.
If the gate drivers do not have anti-cross conduction function, the complementary outputs can be driven by PWM2
& PWM3. In this case, PWM0 & PWM2 drive one half-bridge. PWM1 & PWM3 drive the other half-bridge. To
enable this mode, set the bit PWM_2_3_AS_COMPLEMENT in the PWM_CONTROL_3 register.
The HR-PWM executes steps one by one. Each step codes a toggling of PWM outputs, a toggling of time capture
windows. Each step can be activated with a particular state of the FSK bit. Each step codes finally a delay before
applying the toggling of outputs or capture windows. At the moment the step delay elapses, the HR-PWM applies
the step toggling and moves to the next step.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 28/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com