Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 74 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 70Page - STMicroelectronics STWBC2-HP Datasheet HTML 71Page - STMicroelectronics STWBC2-HP Datasheet HTML 72Page - STMicroelectronics STWBC2-HP Datasheet HTML 73Page - STMicroelectronics STWBC2-HP Datasheet HTML 74Page - STMicroelectronics STWBC2-HP Datasheet HTML 75Page - STMicroelectronics STWBC2-HP Datasheet HTML 76Page - STMicroelectronics STWBC2-HP Datasheet HTML 77Page - STMicroelectronics STWBC2-HP Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
3
Electrical data
3.1
Absolute Maximum Ratings
Stresses above the absolute maximum ratings listed in Table 53 may cause permanent damage to the device.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 53. Absolute maximum ratings
Symbol
Parameter
Test condition
Min.
Max.
Unit
VIN
Power supply voltage (VIN)
-
-0.3
27
V
VDD_DRIVER
Gate driver supply voltage
(VDD_DR)
-0.3
15
V
VLSn_GD
Low-side gate driver voltage
(LS1_GD, LS2_GD, LS3_GD)
-0.3
VDR + 0.3
V
VHBn_SW
HB Switching node voltage
(HB1_SW, HB2_SW, HB3_SW)
-2
50
V
VBRG_VSNS
BRG_VSNS, DCDC_SNS
-0.3
50
V
VHBn_BT
HB Bootstrap voltage (HB1_BT,
HB2_BT, HB3_BT)
Max(VHBn_SW - 0.3
or -0.3)
Min((VHBn_SW + VDR +
0.3) or 60)
V
VHSn_GD
HB High-side gate driver voltage
(HS1_GD, HS2_GD, HS3_GD)
VHBn_SW -0.3
VHBn_BT
V
VDD
Input voltage for Analog die (VDD)
-0.3
5.5
V
VBUCK_SW
Buck switching node voltage
(BUCK_SW)
-1
27
V
VBUCK_BOOT
Buck bootstrap voltage
(BUCK_BOOT)
-0.3
32.0
V
VIN_SNS
Vin sense voltage (VIN_ISNS_P,
VIN_ISNS_M, VIN_SNS)
-0.3
Vin
V
VLDO_3V3
Input voltage for MCU die
(LDO_3V3, VREF_A, MCU_3V3)
-0.3
4
V
VIO_TT
MCU logic input voltage (I/O TT
structure pins – see
Internal signal connection
Table 38)
-0.3
4
V
VIO_FT
MCU logic input voltage (I/O FT
structure pins – see
Internal signal connection
Table 38)
-0.3
VLDO_3V3 + 4
V
VIO_DRV
General purpose driver I/Os
(GP_DRV<0:3>)
-0.3
4
V
VNRST
NRST I/O
-0.3
4
V
VLDO_1V8
Supply voltage for digital circuitry
(LDO_1V8)
-0.3
2
V
STWBC2-HP
Electrical data
DS13825 - Rev 1.0
page 74/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com