Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 26 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 22Page - STMicroelectronics STWBC2-HP Datasheet HTML 23Page - STMicroelectronics STWBC2-HP Datasheet HTML 24Page - STMicroelectronics STWBC2-HP Datasheet HTML 25Page - STMicroelectronics STWBC2-HP Datasheet HTML 26Page - STMicroelectronics STWBC2-HP Datasheet HTML 27Page - STMicroelectronics STWBC2-HP Datasheet HTML 28Page - STMicroelectronics STWBC2-HP Datasheet HTML 29Page - STMicroelectronics STWBC2-HP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
Figure 29. HR-PWM subsystem overview
The Main PWM runs with high resolution timings. To do so, the clocking of the cell is made through 17 phases of
a 40 MHz typical clock. This provides a resolution equivalent to a clock at 680 MHz.
2.2.1.3.1
Sequencer PWM signal generation
The signal generation block is designed around a controller that processes the event list. Each event in the list is
informing about a delay before applying a specific toggling of the PWM outputs. The delay is made of a coarse
value corresponding to a count of clock cycles and a fine value corresponding to a count of clock phases.
When the delay expires, the controller applies the required toggling on PWM outputs and selects the clock phase
in order to achieve the next fine delay. The controller treats then the next active event in the list. When the
controller reaches the end of the event list, it restarts processing the list from the beginning.
Figure 30 shows the sequences controlled by the scheduler logic.
Figure 30. Sequencer circuit overview
2.2.1.3.2
FSK modulation
Each event in the list can be tagged to be active only with a specific state of FSK bit, either 0 or 1. With such
tagging, some events in the list become conditionals so the PWM generation depends on the state of the FSK bit.
This feature allows programming the signal generation block to generate frequency shift keying messaging.
The FSK bit generation is using a FIFO:
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 26/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com