Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 75 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 71Page - STMicroelectronics STWBC2-HP Datasheet HTML 72Page - STMicroelectronics STWBC2-HP Datasheet HTML 73Page - STMicroelectronics STWBC2-HP Datasheet HTML 74Page - STMicroelectronics STWBC2-HP Datasheet HTML 75Page - STMicroelectronics STWBC2-HP Datasheet HTML 76Page - STMicroelectronics STWBC2-HP Datasheet HTML 77Page - STMicroelectronics STWBC2-HP Datasheet HTML 78Page - STMicroelectronics STWBC2-HP Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
Symbol
Parameter
Test condition
Min.
Max.
Unit
VIO_AN
Analog pin voltage (BUCK_FB,
BRG_ISNSP, BRG_ISNSM,
BRG_SNSB, BRG_IDEM,
BRG_FT_R, BRG_FT_S,
RNG_FT_R, RNG_FT_S,
RNG_SNS, USB_DP, USB_DM,
QF_DRV,LED1,LED2)
-0.3
VDD
V
TSTG
Storage temperature
-55
150
°C
3.2
Recommended Operating Conditions
Table 54. Recommended operating conditions
Symbol
Parameter
Test
condition
Min.
Typ.
Max.
Unit
VIN
Power supply voltage
-
4.1
24
V
Power supply voltage slope
VIN=22V
100
V/μs
VDD_DRIVER
Voltage doubler output and gate driver
supply voltage
5
7.5
10
V
VBUCK_SW
Buck switching node voltage (BUCK_SW)
24
V
VBUCK_BOOT
Buck bootstrap voltage (BUCK_BOOT)
29
V
VHBn_BT
HB bootstrap voltage (HB1_BT, HB2_BT,
HB3_BT)
50
V
VHBn_SW
HB switching node voltage (HB1_SW,
HB2_SW, HB3_SW)
40
V
VDD
Buck regulator output and input voltage for
Analog die
3.4
5.2
V
LBUCK
Buck regulator inductance
10
22
μH
CBUCK
Buck regulator capacitance
10
μF
ESRBUCK
Buck regulator capacitance ESR
0.1
◻
VLDO_3V3
Linear regulator output and input voltage
for MCU die
3.0
3.3
3.6
V
CLDO_3V3
Linear regulator output capacitance
4.7
22
μF
VLDO_1V8
Linear regulator output and supply voltage
for digital circuitry
1.8
1.95
V
C LDO_1V8
Linear regulator output capacitance
-20%
4.7
+20%
μF
VHS
HB floating supply voltage(2)
VDD_DRIVER(1)
10
V
Tj
Operating junction temperature
-40
125
°C
1. VHS = VBT_HS - VHB_SW
3.3
ESD Protections
Table 55. ESD protection ratings
Symbol
Parameter
Test condition
Value
Unit
HBM
Conforming to ANSI/ESDA/JEDEC
2
kV
STWBC2-HP
Recommended Operating Conditions
DS13825 - Rev 1.0
page 75/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com