Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 42 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 38Page - STMicroelectronics STWBC2-HP Datasheet HTML 39Page - STMicroelectronics STWBC2-HP Datasheet HTML 40Page - STMicroelectronics STWBC2-HP Datasheet HTML 41Page - STMicroelectronics STWBC2-HP Datasheet HTML 42Page - STMicroelectronics STWBC2-HP Datasheet HTML 43Page - STMicroelectronics STWBC2-HP Datasheet HTML 44Page - STMicroelectronics STWBC2-HP Datasheet HTML 45Page - STMicroelectronics STWBC2-HP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
2.2.5.3
Functional description
The IP generates the ADC selection lines interconnected to an eight-way analog multiplexer; this IP
is instantiated three times (one instance per ADC channel). The sel_in[2:0] lines are provided by the
ADC_MUX_<x>_ADC_MUX_<x> internal registers while the latch_en signal is interconnected with the register bit
ADC_MUX_<x>_LATCH_ADC<x>_EN. The trig signal is interconnected with the adc_mux_trig signal generated
by a GPIO signal; this command allows to pipeline the analog mux channel selection during fast ADC conversion.
When the channel selection is configured in latch mode, the Adc_mux_trig signal latches the mux selection lines.
The Adc_mux_trig comes from the STM32 GPIO signal. When using latch mode, the FW can prepare the next
mux selection by accessing the SPI registers while an ADC conversion is on-going. This selection is applied only
after the Adc_mux_trig GPIO toggling. In this way, the SPI access time can be pipelined in respect to the ADC
conversion improving the bandwidth conversion.
Note that “<x>” in the register name means that the bit field is replicated three times to be interconnected with all
instance modules.
Here below is shown the internal circuit block diagram:
Figure 44. ADC_MUX block diagram overview
2.2.5.4
Configuration register overview
Table 31 shows the list of ADC_MUX configuration registers overview:
Table 31. ADC_MUX configuration registers overview
Registers overview
Name
Description
Type
Page
Offset
Reset val.
ADC_MUX_0
Mux0 to ADC0
R/W
0
0x05
0x00
ADC_MUX_1
Mux1 to ADC1
R/W
0
0x06
0x00
ADC_MUX_2
Mux2 to ADC2
R/W
0
0x07
0x00
2.2.6
LED_SPK pattern generator
2.2.6.1
Overview
This block generates a configurable pattern output signal in the range of Hz for LED monitor or kHz for the buzzer
audio speaker.
2.2.6.2
Feature list
•
Programmable pulse pattern generator
•
Configurable parameters:
–
Pattern output data
–
Clock pre-scale
–
Clock pre-divider
–
Current sink
•
Control enable functionality
•
Two independent modules instantiated
•
Alternatively, I/O signal configuration
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 42/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com