Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 52 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 48Page - STMicroelectronics STWBC2-HP Datasheet HTML 49Page - STMicroelectronics STWBC2-HP Datasheet HTML 50Page - STMicroelectronics STWBC2-HP Datasheet HTML 51Page - STMicroelectronics STWBC2-HP Datasheet HTML 52Page - STMicroelectronics STWBC2-HP Datasheet HTML 53Page - STMicroelectronics STWBC2-HP Datasheet HTML 54Page - STMicroelectronics STWBC2-HP Datasheet HTML 55Page - STMicroelectronics STWBC2-HP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
During the DC-DC operation, the DCDC_STATUS register reports the status of the controller. If the BB-DCDC
detects a hard error (overload), the DCDC_ERROR bit is set to 1 and the BB-DCDC stops its operation
immediately. To restart the BB-DCDC, disable it by clearing the ENABLE bit in the DCDC_CTRL register and
enable it again.
2.2.7.17
Configuration register overview
For the BB-DCDC complete configuration registers overview please contact our sales representative.
2.2.8
VDoubler
2.2.8.1
Overview
The voltage doubler provides approximatively twice the buck DC-DC voltage to power the gate drivers. The digital
part is a simple programmable clock source.
2.2.8.2
Feature list
•
Provide clock to the analog power buffer
•
Select base clock from AFE main clock or PLL
2.2.8.3
Functional description
The VDoubler digital module is simply providing a configurable clock to the analog cell. The analog cell buffers
this clock with anti-cross-conduction circuit. By using external diodes and capacitor, the buck DC-DC voltage is
approximatively doubled.
Figure 53 shows the internal circuit block diagram
Figure 53. VDoubler block diagram overview
2.2.8.4
Programming
The VDoubler circuit requires the following program sequences:
•
If the Vdoubler circuit is enabled disable this by clearing the V_DOUBLER register.
•
Configure the constant division from 2 to 255 in the V_DOUBLER_CLK register.
•
Configure the clock source operation through the CLK_SEL bit field of the V_DOUBLER register.
•
Enable the Vdoubler circuit by setting the ENABLE bit field of the V_DOUBLER register.
Note that any constant division update or change of frequency requires the iteration of the above procedures.
2.2.8.5
Operating parameters
Table 37 summarizes the IP functional operating parameters
Table 37. VDoubler operating parameters
Parameter
Value
Operating frequency
16 MHz or 40 MHz
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 52/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com