Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 76 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 72Page - STMicroelectronics STWBC2-HP Datasheet HTML 73Page - STMicroelectronics STWBC2-HP Datasheet HTML 74Page - STMicroelectronics STWBC2-HP Datasheet HTML 75Page - STMicroelectronics STWBC2-HP Datasheet HTML 76Page - STMicroelectronics STWBC2-HP Datasheet HTML 77Page - STMicroelectronics STWBC2-HP Datasheet HTML 78Page - STMicroelectronics STWBC2-HP Datasheet HTML 79Page - STMicroelectronics STWBC2-HP Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
Symbol
Parameter
Test condition
Value
Unit
Human body model
JS-001-2014
CDM
Charged device model
Conforming to ANSI/ESDA/JEDEC
JS-001-2014
250
kV
3.4
Thermal data
Table 56. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction to ambient
45
°C/W
3.5
Electrical characteristics
Conditions: VIN=12 V, VDD_DRIVER=7.5 V, VDD=5 V, VLDO_3V3=3.3 V, VLDO_1V8=1.8 V, TJ from -40°C to
125°C, CLSn_GD=CHSn_GD=1 nF, CBRIDGE_VREF=10 nF, LBUCK=10 μH, CLDO_1V8=1 μF, CLDO_3V3=4.7 μF,
CBUCK=10 μF (ceramic capacitor), CEXT=6.8 nF, REXT=100 kohm (CEXT with REXT is AC coupling network
on RING_NODE_SNS), CQFDRV_VRING=2.2 nF (coupling cap for Q-factor measurement), LBUCKBOOST=3.6 μH,
CD+=CD-=100 pF; unless otherwise noted.
Typical values are tested at TJ = 25°C, minimum and maximum values are guaranteed by thermal
characterization in the temperature range of -40 to 125°C, unless otherwise specified.
Table 57. Electrical charachteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
POWER SUPPLY
IIN_STBY
Power supply current
consumption in quiescent
state
VIN=22 V;
VDD_DRIVER=7.5 V,
VDD=5 V externally supplied
0.5
mA
Fault condition, NRST=0
VIN=22 V;
VDD_DRIVER=7.5 V,
VDD=3.6 V externally supplied
0.5
mA
VINon
VIN UVLO turn-on threshold VIN rising from 0 V
2.5
3.5
V
IDD_DRIVER
VDD_DRIVER current
consumption
VDD_DRIVER=7.5 V externally
supplied, no commutation.
0.2
mA
IVDD
VDD current consumption
VDD=5 V
fSW=100 kHz (system frequency)
10
15
mA
QF on
VIN=22 V;
VDD_DRIVER=7.5 V,
VDD=5 V
5
mA
Standby (NRST=0) VDD=3.6 V
Tj = 25°C
0.5
mA
Standby (NRST=0) VDD=3.6 V
Tj = 125°C
1
mA
VON,VDD3V6
VDD UVLO turn-on
threshold at startup (no
trimming)
VDD turn-on threshold
3.25
3.35
3.45
V
STWBC2-HP
Thermal data
DS13825 - Rev 1.0
page 76/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com