Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 55 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 51Page - STMicroelectronics STWBC2-HP Datasheet HTML 52Page - STMicroelectronics STWBC2-HP Datasheet HTML 53Page - STMicroelectronics STWBC2-HP Datasheet HTML 54Page - STMicroelectronics STWBC2-HP Datasheet HTML 55Page - STMicroelectronics STWBC2-HP Datasheet HTML 56Page - STMicroelectronics STWBC2-HP Datasheet HTML 57Page - STMicroelectronics STWBC2-HP Datasheet HTML 58Page - STMicroelectronics STWBC2-HP Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
2.2.9.4
Programming
To prevent interrupt missing, the following sequence should be applied during the interrupt controller
configuration:
1.
Configure INT_PULSE_DURATION to generate pulse on the IRQ line (0 means no pulse).
2.
Enable all the interrupt source lines needed to be monitored through the registers INT_EN_<x>.
3.
When a source edge happens, the IRQ signal generates an interrupt on the MCU companion DIE.
4.
While the IRQ signal is 1, the MCU enters into its interrupt handler. The handler routine (ISR) should perform
the following actions:
a.
Get interrupt status by reading INT_STATUS_<x> registers.
b.
Check the status lines at 1 by priority order and decide to treat a first one.
c.
Before treating the chosen, the interrupt, clear it by writing 1 to the corresponding bit in
INT_CLEAR_<x> register.
d.
Manage the interrupt and reach the end of interrupt handler (don’t loop on the status).
e.
The clearing of the chosen line might release the IRQ line. It is the case if this line was the only one
active. In this situation, the interrupt handler exits. If another interrupt were present or if the same
interrupt fires again, the IRQ line is 1 at the end of interrupt handler. So, since the handler exits, the
MCU re-enters it immediately and the same sequence is processed again (this creates indirectly a
loop).
To simplify the SW interrupt handling routine, the fault interrupts are mapped on the lower interrupt request lines.
2.2.9.5
Configuration register overview
Table 40 shows the list of ITC configuration registers overview
Table 40. ITC configuration registers overview
Registers overview
Name
Description
Type
Page
Offset
Reset val.
INT_EN_0
Interrupt enabling
R/W
0
0x40
0x00
INT_EN_1
Interrupt enabling
R/W
0
0x41
0x00
INT_EN_2
Interrupt enabling
R/W
0
0x42
0x00
INT_CLEAR_0
Interrupt clear
Wsc
0
0x43
0x00
INT_CLEAR_1
Interrupt clear
Wsc
0
0x44
0x00
INT_CLEAR_2
Interrupt clear
Wsc
0
0x45
0x00
INT_STATUS_0
Interrupt status
R
0
0x46
0x00
INT_STATUS_1
Interrupt status
R
0
0x47
0x00
INT_STATUS_2
Interrupt status
R
0
0x48
0x00
INT_SOURCE_0
Interrupt source status
R
0
0x49
0xYY(1)
INT_SOURCE_1
Interrupt source status
R
0
0x4A
0xYY(1)
INT_SOURCE_2
Interrupt source status
R
0
0x4B
0xYY(1)
INT_PULSE
Interrupt pulse configuration
R/W
0
0x4C
0x00
1. Refer to register definition.
2.2.10
Protection
2.2.10.1
Overview
This block is responsible of the fault error detection inside the Analog Front-End (AFE) logic which is notified to
the FW application running on the MCU companion DIE.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 55/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com