Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 49 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 45Page - STMicroelectronics STWBC2-HP Datasheet HTML 46Page - STMicroelectronics STWBC2-HP Datasheet HTML 47Page - STMicroelectronics STWBC2-HP Datasheet HTML 48Page - STMicroelectronics STWBC2-HP Datasheet HTML 49Page - STMicroelectronics STWBC2-HP Datasheet HTML 50Page - STMicroelectronics STWBC2-HP Datasheet HTML 51Page - STMicroelectronics STWBC2-HP Datasheet HTML 52Page - STMicroelectronics STWBC2-HP Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
The algorithm allows a pseudo steady-state operation even if the overcurrent comparator is fed with a signal low
pass filtered with 1 ms time constant.
At least at the beginning of an overcurrent condition, the charging time is updated every fixed number of cycles
(the rate is fixed by overcurrent_rate parameter). If the comparator states there is an overcurrent, the charge time
is decreased, or else the charge time is increased.
At every cycle, the discharge time is adjusted in order to stay in QR operation.
When overcurrent comparator is high and charge time is decreased, the output voltage decreases, which
reduces the current. At some point, the current is lower than the overcurrent threshold. However, any LPF in
the comparator path adds delay before having the comparator toggling low.
Hence, the charge time is decreased much more than needed.
After the charge time decreasing and the overcurrent comparator toggling low, the charge time is increased again,
enlarging the current. At some point, the current is above the threshold but the comparator is delayed because of
LPF. So, the charge time still increases before the comparator toggles high again. Hence, the current ends higher
than the limit.
Based on this fact, since the DC-DC controller has acquired these min & max charge times, it forces the charge
time to (max+min)/2 and freezes charge time variation during a programmable time (overcurrent_lock_time).
This freeze allows the LPF to converge.
When the freeze time ends, the charge time is again increased or decreased depending on the state of the
overcurrent comparator. By default, the rate of charge time modification is still fixed by the overcurrent_rate
parameter. However, if the min & max captured charge times are close together, the rate is fixed by the
overcurrent_lock_time parameter which is slower.
If the converter changes his mode (buck or boost or buck/boost), the min & max captured times are cleared which
forces a new “learning” phase for overcurrent mode.
During overcurrent mode, the buck mode is allowed only if it was on-going when the overcurrent happens.
To avoid this current oscillation directly linked with the LPF delay, the DC-DC controller stores the on-going
charging time at the time the comparator toggles low and at the time the comparator toggles high. These two
data represent the peaks of current, one being below the overcurrent threshold, the other one being above the
overcurrent threshold. So, it is very probable that a steady-state operation can happen in the middle of these two
charge times.
2.2.7.12
Short-circuit and overload
During short-circuit or overload, the DC-DC stays far away from target voltage. The DC-DC controller counts at a
slow rate the consecutive time the DC-DC stays far away from the target (the rate is dcdc_clk/8192).
If this count is above a programmable threshold, the DC-DC is stopped in error case. It can be enabled again only
if it is first disabled from the control bit.
The counter is not enabled during start-up time.
2.2.7.13
Startup
When enabled, the DC-DC controller starts with a progressive ramping of input current. The timings are updated
with the same calculation than in normal operation. However, the timings are updated at a slow rate of dcdc_clk/
8192.
In addition, a stalling time is added between each DC-DC cycle. This time begins at 241 cycle of dcdc_clk and it
is decremented by 2, 4 or 16 depending on a programmable start-up rate. This stalling time is updated at a rate of
dcdc_clk/8192.
If the output voltage reaches the target during the start-up phase, this one is cleared and the DC-DC operates
normally.
2.2.7.14
Deadtime
The DC-DC controller embeds a programmable fixed deadtime circuit.
2.2.7.15
Voltage ramp
Even if the DC-DC controller embeds a soft-start solution, this does not prevent large input current that can
happen when the regulation target voltage rises significantly. In fact, if the converter uses large output capacitor,
the converter raises its energy transfer significantly in order to charge the capacitors as fast as possible.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 49/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com