Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 50 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 46Page - STMicroelectronics STWBC2-HP Datasheet HTML 47Page - STMicroelectronics STWBC2-HP Datasheet HTML 48Page - STMicroelectronics STWBC2-HP Datasheet HTML 49Page - STMicroelectronics STWBC2-HP Datasheet HTML 50Page - STMicroelectronics STWBC2-HP Datasheet HTML 51Page - STMicroelectronics STWBC2-HP Datasheet HTML 52Page - STMicroelectronics STWBC2-HP Datasheet HTML 53Page - STMicroelectronics STWBC2-HP Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
To avoid this large transfer current associated with the rise of target voltage, an automatic voltage ramp can
be enabled. When activated, the ramp generator increments the target voltage value at the rate of AFE clock
(16 MHz typically) only if the feedback comparator is high and the maximum peak current is not reached. This
indirectly produces a rise of target voltage that tracks the progression of output voltage. This avoids having the
DC-DC entering in a high energy transfer mode to charge the output capacitor.
2.2.7.16
Programming
The BB-DCDC digital controller must be first configured according to the system application topology
implemented in the PCB.
Figure 52. BB-DCDC application topology configuration
The conversion type is configured through the DCDC_HW_CONFIG register fields as shown in the following
table:
Table 34. BB-DCDC conversion type configuration
Conversion type
BB-DCDC
BUCK_ONLY
BOOST_ONLY
Switch HSB
Switch LSA
Buck
1
0
Active(1)
0
Boost
0
1
0
Active(1)
Buck/boost
0
0
Active(1)
Active(1)
1. Toggling signal driven from BB-DCDC logic.
Table 35 shows the Boost HSA switch configuration mode:
Table 35. Boost switch configuration overview
Switch Boost side (after inductor)
Switch configuration
HSA_ACTIVE
Comment
High-side switch is diode
0
High-side switch is MOSFET
1
Table 36 shows the Buck LSB switch configuration mode:
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 50/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com