Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 47 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 43Page - STMicroelectronics STWBC2-HP Datasheet HTML 44Page - STMicroelectronics STWBC2-HP Datasheet HTML 45Page - STMicroelectronics STWBC2-HP Datasheet HTML 46Page - STMicroelectronics STWBC2-HP Datasheet HTML 47Page - STMicroelectronics STWBC2-HP Datasheet HTML 48Page - STMicroelectronics STWBC2-HP Datasheet HTML 49Page - STMicroelectronics STWBC2-HP Datasheet HTML 50Page - STMicroelectronics STWBC2-HP Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Figure 50. Vsw switch node voltage
By consequence, checking the Vsw voltage during the probe step is sufficient to conclude that current in the coil
has reverted or not.
The current reversal information is combined with others to adjust the discharge time:
If current is not reverted and max. peak current in the coil is not reached, the discharge time is enlarged.
This offers more chance to drain completely the coil current during the discharge phase in order to run QR
mode.
If current has reverted or max. peak current in the coil is reached, the discharge time is decreased.
Reducing the discharge time helps avoiding the over-discharging of coil. In case of max. peak current,
reducing the discharge time pushes the controller in CCM mode.
If the output voltage overshoots the target at the end of the discharge step, the discharge time is increased.
This pushes the DC-DC duty cycle in the direction of lowering the output voltage.
2.2.7.9
Check step
The check step is simply stalling the converter while the output voltage is above the target. A new charge/
discharge cycle is engaged only if the output voltage is lower than the target.
2.2.7.10
Refresh step
Depending on the DC-DC converter topology and gate driver usage, it is possible that a toggling of a gate driver is
required to recharge the bootstrap capacitor. This is the role of these steps.
2.2.7.11
FSM control logic
The BB-DCDC main operations are controlled by an embedded finite state machine control logic.
Figure 51 shows the controller FSM state diagram:
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 47/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com