Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 77 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 73Page - STMicroelectronics STWBC2-HP Datasheet HTML 74Page - STMicroelectronics STWBC2-HP Datasheet HTML 75Page - STMicroelectronics STWBC2-HP Datasheet HTML 76Page - STMicroelectronics STWBC2-HP Datasheet HTML 77Page - STMicroelectronics STWBC2-HP Datasheet HTML 78Page - STMicroelectronics STWBC2-HP Datasheet HTML 79Page - STMicroelectronics STWBC2-HP Datasheet HTML 80Page - STMicroelectronics STWBC2-HP Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOFF,VDD3V6
VDD UVLO turn-off
threshold
(with 3.6 V selection)
VDD turn-off threshold
3.25
3.35
3.45
V
VOFF,VDD5V
VDD UVLO turn-off
threshold (with 5 V
selection)
VDD turn-off threshold
4.55
4.65
4.75
V
TDELAY_VDD
Comparator propagation
delay
dV/dt=100 mV/ms
1
μs
TFILTER_VDD
Comparator output filter
-25%
1
+25%
μs
NRST PIN(1)
VIL(NRST)
NRST input low level
voltage
0.3 x VLDO_3V3
V
VIH(NRST)
NRST input high level
voltage
0.7 x VLDO_3V3
V
Vhys(NRST)
NRST Schmitt trigger
voltage hysteresis
0.6 x
VLDO_3V3
mV
RPU
Weak pull-up equivalent
resistor(2)
STM32G071 parameter,
VSS=VLDO_3V3
75
kΩ
BUCK SWITCHING REGULATOR
VIN
VIN operative range for
VDD=5 V
5.5
24
V
VIN operative range for
VDD=3.6 V
4.1
24
V
VBUCK_FB
Average output voltage
VDD=5 V selection, VIN ≥ 6V
4.75
5.0
5.25
V
VDD=3.6 V selection, VIN ≥ 4.5V
3.42
3.6
3.78
V
ILOAD
Output load current
450
mA
DVBUCK_FB_DO
VDD Dropout Voltage
ILOAD=[0÷450] mA DC;
VDD=3.6 V/5 V
500
mV
IVALLEYLIMIT_BUCK
Valley Current Limit
L=10 μH
450
600
750
mA
IPEAKLIMIT_BUCK
Peak Current Limit
In Low-Dropout operations only
700
900
1100
mA
fSW_BUCK
Switching frequency
CCM when not in LDO,
L=10 μH
1
MHz
RDSON_HS
Buck switching node pull-up
resistance
ILOAD=100 mA, TJ = 25°C
300
430
685
mΩ
RDSON_LS
Buck switching node pull-
down resistance
ILOAD=100mA, TJ = 25°C
240
340
540
mΩ
LINEAR REGULATORS
VLDO_3V3
LDO_3V3 regulation
voltage
ILDO_3V3=[0÷150] mA;
VDD=[3.4÷5.25] V
3.1
3.3
3.5
V
ILDO_3V3
LDO_3V3 DC current
capability
150
mA
◻VLDO_3V3_DO
LDO_3V3 dropout voltage
ILDO_3V3=150 mA DC;
VDD=3.1 V
350
mV
ILIMIT_LDO3V3
LDO_3V3 output current
limit
Trimmed parameter
270
380
520
mA
CLDO_3V3
LDO_3V3 output
capacitance allowed range
Ceramic capacitor
4.7
22
μF
VLDO_1V8
LDO_1V8 regulation
voltage
ILDO_1V8=[0÷50] mA;
VDD=[3.4÷5.25]
1.7
1.8
1.9
V
ILDO_1V8
LDO_1V8 DC current
capability
50
mA
STWBC2-HP
Electrical characteristics
DS13825 - Rev 1.0
page 77/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com