Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 41 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 37Page - STMicroelectronics STWBC2-HP Datasheet HTML 38Page - STMicroelectronics STWBC2-HP Datasheet HTML 39Page - STMicroelectronics STWBC2-HP Datasheet HTML 40Page - STMicroelectronics STWBC2-HP Datasheet HTML 41Page - STMicroelectronics STWBC2-HP Datasheet HTML 42Page - STMicroelectronics STWBC2-HP Datasheet HTML 43Page - STMicroelectronics STWBC2-HP Datasheet HTML 44Page - STMicroelectronics STWBC2-HP Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
Table 28. IO selection overview
IO selection overview
LS_in = 0
HS_in = 0
LS_in = 1
HS_in = 0
LS_in = 0
HS_in = 1
LS_in = 1
HS_in = 1
IOx (EN)
0
1
1
0
IOy (PWM)
0
0
1
1
Table 29 provides the effective routing of mux to the gate driver and IO control cells.
Table 29. Signal routing
Signal routing
HSB/LSB selected
HAS/LSA selected
PWM0 selected
PWM1 selected
QF drv selected
PB2
selected
GD LS input
LSB
LSA
~PWM0
~PWM1
~QF_drv
~PB2
GD HS input
HSB
HSA
PWM0
PWM1
QF_drv
PB2
IO LS input
LSB
LSA
~PWM0
~PWM1
~QF_drv
~PB2
IO HS input
HSB
HSA
PWM0
PWM1
QF_drv
PB2
2.2.4.4
Configuration register overview
Table 30 shows the list of GD_IOmux configuration registers overview:
Table 30. GD_IOmux configuration registers overview
Registers overview
Name
Description
Type
Page
Offset
Reset val.
GATE_DRIVER_1_CFG
Gate Driver 1 configuration
R/W
0
0x2C
0xY0(1)
GATE_DRIVER_2_CFG
Gate Driver 2 configuration
R/W
0
0x2D
0xY0(1)
GATE_DRIVER_3_CFG
Gate Driver 3 configuration
R/W
0
0x2E
0xY0(1)
GATE_DRIVER_IO_0_1_CTR
L
GD_IO 0 & 1 control
R/W
0
0x2F
0xY0(1)
GATE_DRIVER_IO_2_3_CTR
L
GD_IO 2 & 3 control
R/W
0
0x30
0xY0(1)
GATE_DRIVER_IO_MUX
Mux configuration for GD_IO
R/W
0
0x31
0x00
1. Refer to register definition.
2.2.5
ADC_MUX
2.2.5.1
Overview
This block generates the ADC selection lines of an eight-way analog multiplexer.
2.2.5.2
Feature list
•
Programmable multiplexed line selection
•
Pipeline ADC channel selection line
•
Three independent module instantiated
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 41/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com