Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 83 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 79Page - STMicroelectronics STWBC2-HP Datasheet HTML 80Page - STMicroelectronics STWBC2-HP Datasheet HTML 81Page - STMicroelectronics STWBC2-HP Datasheet HTML 82Page - STMicroelectronics STWBC2-HP Datasheet HTML 83Page - STMicroelectronics STWBC2-HP Datasheet HTML 84Page - STMicroelectronics STWBC2-HP Datasheet HTML 85Page - STMicroelectronics STWBC2-HP Datasheet HTML 86Page - STMicroelectronics STWBC2-HP Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
Pin Number
Pin Name
Pin Type
Description
8
MCU_VSS1
Power
MCU GND (VDD_VREFM)
9
BUCK_FB
Analog In
DCDC 5 V output (feedback)
10
XTAL_IN
Digital In
PF0- XTAL in pin (OSC driver in)
11
XTAL_OUT
Digital Out
PF1 -XTAL out pin
12
NRST
Digital I/O
PF2 - nRST
13
PGND
Power
AFE analog Ground
14
BUCK_SW
Analog Out
Embedded DCDC Buck switching node
15
BUCK_BT
Power
Embedded DCDC Buck bootrstrap
16
VIN
Power
Input voltage
17
VIN_ISNS_P
Analog In
VIN current sensor Plus
18
VIN_ISNS_M
Analog In
VIN current sensor Minus
19
TEMPSNS
Analog In
ADC input for temperature sense
20
SPI_CLK
Digital I/O
SPI CLK
21
UART_TX
Digital I/O
USART Tx
22
UART_RX
Digital I/O
USART Rx
23
SPI_MISO
Digital I/O
SPI MISO
24
SPI_MOSI
Digital I/O
SPI MOSI
25
SPI_NSS
Digital I/O
SPI NSS
26
VDOUB_SW
Analog Out
Charge pump
27
VDD_DR
Power
Gate driver supply voltage
28
HS1_BT
Power
High-side gate driver bootstrap cap
29
HS1_GD
Analog Out
High-side gate driver output
30
HS1_SW
Analog In
Half-bridge switching node and voltage sense for DCDC
buck stage
31
LS1_GD
Analog Out
Low-side gate driver output
32
LS2_GD
Analog Out
Low-side gate driver output
33
DCDC_SNS
Analog In
Voltage sense for DCDC boost stage
34
HS2_SW
Analog In
Half-bridge switching node
35
HS2_GD
Analog Out
High-side gate driver output
36
HS2_BT
Power
High-side gate driver bootstrap cap
37
HS3_BT
Power
High-side gate driver bootstrap cap
38
HS3_GD
Analog Out
High-side gate driver output
39
HS3_SW
Analog In
Half-bridge switching node
40
LS3_GD
Analog Out
Low-side gate driver output
41
GND_DR
Power
Gate driver ground
42
GPIO_DR0
Analog Out
Logic level pin to drive ext. gate driver
43
GPIO_DR1
Analog Out
Logic level pin to drive ext. gate driver
44
GPIO_DR2
Analog Out
Logic level pin to drive ext. gate driver
45
GPIO_DR3
Analog Out
Logic level pin to drive ext. gate driver and DC voltage
sensing function
46
LED1
Analog Out
LED 1
47
LED2
Analog Out
LED 2
STWBC2-HP
Pinout
DS13825 - Rev 1.0
page 83/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com