Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 15 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 11Page - STMicroelectronics STWBC2-HP Datasheet HTML 12Page - STMicroelectronics STWBC2-HP Datasheet HTML 13Page - STMicroelectronics STWBC2-HP Datasheet HTML 14Page - STMicroelectronics STWBC2-HP Datasheet HTML 15Page - STMicroelectronics STWBC2-HP Datasheet HTML 16Page - STMicroelectronics STWBC2-HP Datasheet HTML 17Page - STMicroelectronics STWBC2-HP Datasheet HTML 18Page - STMicroelectronics STWBC2-HP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
Figure 19. DC-DC buck monitor
Table 9. DC-DC buck monitor operating parameters
Parameter
Value
Division factor from VDD to ADC mux
2.86
LPF
10k Hz 2nd order
2.1.5
Analog demodulators
2.1.5.1
Voltage demodulator
The voltage demodulator detects Rx modulation from the variation of the ringing node voltage.
Figure 20. Voltage demodulator
The ring voltage monitor cell provides the peak-to-peak of the probed voltage (see Ring voltage monitor
(Ring_V)). It provides also a rectification of the ringing voltage. From SPI register, the FW can select on-the-fly
the peak-to-peak or the rectified signal to be demodulated. The selected signal is directly filtered using a HPF
and an LPF to select the band of the useful modulation. This filtered signal is shipped to ADC mux for STM32
acquisition through ADC. The signal is also sent to a comparator in order to provide a direct digital 1bit form of the
modulation to an STM32 GPIO.
Table 10. Voltage demodulator operating parameters
Parameter
Value
Demodulation HPF
2nd order
F0 adjustable by SPI registers to 300 Hz, 450 Hz, 600 Hz, 750 Hz
Frequency tolerance +/-10%
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 15/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com