Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 20 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 16Page - STMicroelectronics STWBC2-HP Datasheet HTML 17Page - STMicroelectronics STWBC2-HP Datasheet HTML 18Page - STMicroelectronics STWBC2-HP Datasheet HTML 19Page - STMicroelectronics STWBC2-HP Datasheet HTML 20Page - STMicroelectronics STWBC2-HP Datasheet HTML 21Page - STMicroelectronics STWBC2-HP Datasheet HTML 22Page - STMicroelectronics STWBC2-HP Datasheet HTML 23Page - STMicroelectronics STWBC2-HP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
2.
Wait 1.5 s
3.
Check DM voltage.
a.
If DM voltage has felt to 0V, the dedicated charger is a high voltage one.
b.
If DM stays > 0.4 V, the source is a simple dedicated charger.
If the source is a USB host or a simple dedicated charger, the DP and DM pins can be turned to a 20k pull-down
resistor.
If a high voltage dedicated charger is detected, the DP voltage should be maintained equal or above 0.6 V. The
USB detection circuit can be used to configure the charger to produce a desired VBUS voltage.
2.1.9
Gate drivers
The STWBC2-HP embeds 3 gate drivers designed to drive NMOS for low- and high-side using a bootstrap
technique.
Figure 25. Gate driver
All gate drivers are powered from VDD_DR and GND_DR pins. VDD_DR supports up to 10 V.
The sense and bootstrap pins are designed to support high voltage switching up to 40 V.
The gate drivers integrate their own anti-cross conduction circuit based on gate current analysis. The anti-cross
conduction circuit can be individually disabled on each gate driver. This mode allows using fixed deadtime from
PWM source directly. This mode is recommended if the gate driver is fed by the DC-DC digital controller. It can
also be needed if NMOS gate resistor is too large. In this case, the embedded anti-cross conduction circuit can be
inefficient and explicit fixed deadtime should be programmed in PWM generator.
2.1.10
PLL
The STWBC2-HP AFE embeds Phase Locked Loop IP which main purpose is to generate the accurate 17
phases required for High Resolution PWM implementation (see Section 2.2.1 for details about HR PWM).
The PLL typical operating frequency is 40 MHz.
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 20/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com