Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 19 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 15Page - STMicroelectronics STWBC2-HP Datasheet HTML 16Page - STMicroelectronics STWBC2-HP Datasheet HTML 17Page - STMicroelectronics STWBC2-HP Datasheet HTML 18Page - STMicroelectronics STWBC2-HP Datasheet HTML 19Page - STMicroelectronics STWBC2-HP Datasheet HTML 20Page - STMicroelectronics STWBC2-HP Datasheet HTML 21Page - STMicroelectronics STWBC2-HP Datasheet HTML 22Page - STMicroelectronics STWBC2-HP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
The detection circuit integrates two independent 20k pull-down resistor that can be enabled on DP and DM.
The detection circuit integrates a 100 µA current sink that can be applied either on DP or on DM.
Finally, the voltage on DP and DM are scaled down and filtered and then sent to the ADC mux (see
Section 2.1.4.7 ).
Figure 24. USB detection
The detection of USB source type is done by FW. It configures the USB detection circuit and uses ADC
measurements to check the response of source.
The first step of detection consists in checking the battery charging capability as per the USB BC 1.2
specification:
1.
Primary detection: DP is driven at 0.6 V and DM is biased with 100 µA current sink. DM voltage is
measured.
2.
Secondary detection: DM is driven at 0.6 V and DP is biased with 100 µA current sink. DP voltage is
measured.
3.
Based on table below and DM/DP voltage measures, the FW can deduce the BC1.2 compatible type of
source.
Table 14. USB source type detection
Mode
USB source type
DP BIAS
DM BIAS
Check
Primary Detection
Dedicated charger
0.6 V
100 µA sink
DM > 0.4 V
USB host with charging cap
0.6 V
100 µA sink
DM > 0.4 V
Simple USB host
0.6 V
100 µA sink
DM ~ 0.0 V
Secondary Detection
Dedicated charger
100 µA sink
0.6 V
DP > 0.4 V
USB host with charging cap
100 µA sink
0.6 V
DP ~ 0.0 V
In case of dedicated charger detected, the FW proceeds in detection of high voltage charger. To do so:
1.
Drive DP to 0.6 V and enable 100 µA sink on DM.
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 19/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com