| Electronic Components Datasheet Search |
|
STWBC2-HP Datasheet(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWBC2-HP Datasheet(HTML) 57 Page - STMicroelectronics |
|
57 / 96 page ![]() Figure 56. IO fault detection circuit overview While the probed state is equal to the reference, the counter and the FF used to memorize the fault condition are reset, so incoherence_det_io is 0. When the probed state differs from the reference state, the counter increments. If the counter counts to its maximum, the “RS” is set and incoherence_det_io signal passes 1. The presence of the counter offers a debounce filter and accommodates for propagation delays. The counter width is set to 3 bits. The fault signal is a dynamic event in case of toggling IO. It has to be captured by an external logic to be memorized and reported to the MCU. The incoherence_det_io lines are connected to the interrupt controller that latches the request event. The checkers' outputs are connected to the interrupt controller. This block is instantiating two times. 2.2.10.5 GDLS fault detection The GDLS coherence checker verifies that the state of a GDLS corresponds effectively to the configured value. This allows detecting short-circuit on GDLS signals. When enabled, the cell compares a probed state of GDLS (data_in) with a reference state (GDLS data_out). Figure 57. GDLS fault detection circuit overview Note: In the current implementation the “enable_check_gdls[2:0]” vector signal is kept fixed high. While the probed state is equal to the reference, the counter and the FF used to memorize the fault condition are reset, so incoherence_det_gdls is 0. When the probed state differs from the reference state, the counter increments. If the counter counts to its maximum, the “RS” is set and incoherence_det_gdls signal passes 1. The presence of the counter offers a debounce filter and accommodates for propagation delays. The counter width is set to 3 bits. The fault signal is a dynamic event in case of toggling IO. It has to be captured by an external logic to be memorized and reported to the MCU. The incoherence_det_gdls lines are connected to the interrupt controller that latches the request event. The checkers' outputs are connected to the interrupt controller. This block instantiates twice. 2.2.10.6 Operating parameters Table 41 summarizes the IP functional operating parameters. STWBC2-HP Digital AFE functions DS13825 - Rev 1.0 page 57/96 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |