Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 72 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 68Page - STMicroelectronics STWBC2-HP Datasheet HTML 69Page - STMicroelectronics STWBC2-HP Datasheet HTML 70Page - STMicroelectronics STWBC2-HP Datasheet HTML 71Page - STMicroelectronics STWBC2-HP Datasheet HTML 72Page - STMicroelectronics STWBC2-HP Datasheet HTML 73Page - STMicroelectronics STWBC2-HP Datasheet HTML 74Page - STMicroelectronics STWBC2-HP Datasheet HTML 75Page - STMicroelectronics STWBC2-HP Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
Figure 76. Page Register sub-block diagram overview
The register sub-system is arranged around a page select cell and a single register located at address 0. The
address 0 register is always accessed since the PB bus address is 0. This register has the following layout:
Offset: 0x00
Default Value: 0x00
PAGE_REGISTER Control Interface
7
6
5
4
3
2
1
0
auto_inc
RFU
page_sel
R/W
R
R/W
R/W
R
R/W
•
auto_inc bit: this bit is provided to the SPI slave interface to control the auto increment of access address.
•
page_sel[2:0]: this vector is provided to the page select cell in order to select a page of registers.
2.2.14.4
Operating parameters
Table 51 summarizes the IP functional operating parameters:
Table 51. Register subsystem operating parameters
Parameter
Value
Bus data width
8 bits
Bus address width
7 bits
2.2.14.5
Configuration register overview
Table 52 shows the list of Register subsystem configuration registers overview:
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 72/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com