Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 57Page - STMicroelectronics STM32WBA50KG Datasheet HTML 58Page - STMicroelectronics STM32WBA50KG Datasheet HTML 59Page - STMicroelectronics STM32WBA50KG Datasheet HTML 60Page - STMicroelectronics STM32WBA50KG Datasheet HTML 61Page - STMicroelectronics STM32WBA50KG Datasheet HTML 62Page - STMicroelectronics STM32WBA50KG Datasheet HTML 63Page - STMicroelectronics STM32WBA50KG Datasheet HTML 64Page - STMicroelectronics STM32WBA50KG Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 110 page
background image
DS14688 Rev 1
61/110
STM32WBA50KG
Electrical characteristics
103
5.3.2
General operating conditions
IDD
Peripheral
current
consumption
BLE
Advertising using Standby mode(2)
(Tx = 0 dBm; Period 1.28 s; 31 bytes, 3 channels)
20.3
µA
Advertising using Standby mode(2)
(Tx = 0 dBm, 6 bytes; period 10.24 s, 3 channels)
4.9
1. Power consumption including RF subsystem and digital processing.
2. Power consumption integrated over 100 s, including Cortex-M33, 2.4 GHz RADIO subsystem and digital processing.
Table 25. Main performance at VDD = 3.3 V (continued)
Parameter
Test conditions
Typ
Unit
Table 26. General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Standard operating voltage
-
1.71(1)
-3.6
V
VDDA
Analog supply voltage
ADC used
1.62
-
3.6
V
ADC not used
0
-
VDDRF
RF operating voltage
-
1.71
-
3.6
V
VDDRFPA
RF power amplifier
operating voltage
-1.15(2)
-3.6
V
VIN
I/O input voltage
All I/Os FT_
(any option) pins
–0.3
-
Min (min (VDD, VDDA) +
3.6 , 5.5 )(3)(4)
V
VCORE
Internal regulator ON
Range 1
1.15
1.21
1.27
V
Range 2
0.81
0.90
0.99
fHCLK
Internal AHB1, AHB2, and
AHB4 clock frequency
Range 1
-
-
100
MHz
Range 2
-
-
16
fPCLK
Internal APB1, APB2, and
APB7 clock frequency
Range 1
-
-
100
Range 2
-
-
16
fHCLK5
Internal AHB5 clock
frequency
Range 1
-
-
32
Range 2
-
-
12
∆fHCLK1
Internal AHB1, AHB2 and
AHB4 clock incremental
frequency step(5)
--
-
84
MHz
PD
Power dissipation at
TA = 85 °C (suffix 6 version)
UFQFPN32
See Section 6.3 for appropriate thermal
resistance and package. Power
dissipation is calculated according to
ambient temperature (TA), maximum
junction temperature (TJ), and selected
thermal resistance.
mW
TA
Ambient temperature
(suffix 6 version)
Max power dissipation
–40
-
85
°C
Low-power dissipation(6)
105
1. When RESET is released functionality is guaranteed down to VBORx min.
2. When the 2.4 GHz RADIO is active, when inactive supply can go down to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com