Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 15Page - STMicroelectronics STM32WBA50KG Datasheet HTML 16Page - STMicroelectronics STM32WBA50KG Datasheet HTML 17Page - STMicroelectronics STM32WBA50KG Datasheet HTML 18Page - STMicroelectronics STM32WBA50KG Datasheet HTML 19Page - STMicroelectronics STM32WBA50KG Datasheet HTML 20Page - STMicroelectronics STM32WBA50KG Datasheet HTML 21Page - STMicroelectronics STM32WBA50KG Datasheet HTML 22Page - STMicroelectronics STM32WBA50KG Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
DS14688 Rev 1
19/110
STM32WBA50KG
Functional overview
50
3.9.1
Power supply schemes
The devices require a 1.71 to 3.6 V VDD operating voltage supply. Independent supplies can
be provided for specific peripherals:
•
VDD = 1.71 to 3.6 V (functionality guaranteed down to VBORx minimum value)
External power supply for the I/Os, the internal regulator, the system analog such as
reset, power management, and internal clocks and the backup domain. It is provided
externally through the VDD pins. VDDRF must be connected to the same supply used
for VDD.
•
VDDA = 1.62 to 3.6 V
External analog power supply for ADC. The voltage level is independent from the VDD
voltage and must be connected to VDD (preferably) or to VSS pin when this peripheral
is not used.
Figure 3. Power supply overview
MS56631V1
Core
SRAM1
SRAM2
Digital
peripherals
LSE crystal 32 kHz oscillator
RTC, TAMP, Backup registers, RCC_BDCR
VDDA domain
Backup domain
Standby circuitry
(Wake-up logic, IWDG)
LDO regulator
I/O ring
VCORE domain
Temperature sensor
Reset block
1 x PLL
Internal RC oscillators
Flash memory
VDD
VDDA
VDD domain
VCORE
VSS
(Exposed pad)
VDD
VDD
VCAP
ADC
VDDRF
VDDRFPA
RADIO domain
VDDHPA
2.4 GHz RADIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com