Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 96Page - STMicroelectronics STM32WBA50KG Datasheet HTML 97Page - STMicroelectronics STM32WBA50KG Datasheet HTML 98Page - STMicroelectronics STM32WBA50KG Datasheet HTML 99Page - STMicroelectronics STM32WBA50KG Datasheet HTML 100Page - STMicroelectronics STM32WBA50KG Datasheet HTML 101Page - STMicroelectronics STM32WBA50KG Datasheet HTML 102Page - STMicroelectronics STM32WBA50KG Datasheet HTML 103Page - STMicroelectronics STM32WBA50KG Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
Electrical characteristics
STM32WBA50KG
100/110
DS14688 Rev 1
Table 78. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tSCK
Clock frequency
Master receiver mode
2.7 V ≤ VDD ≤ 3.6 V
--
50
MHz
Master receiver mode
1.71 V ≤ VDD < 2.7 V
33
Master transmitter mode
2.7 V ≤ VDD < 3.6 V
50
Master transmitter mode
1.71 V ≤ VDD < 2.7 V
33
Slave receiver mode
1.71 V ≤ VDD ≤ 3.6 V
100
Slave transmitter mode
2.7 V ≤ VDD ≤ 3.6 V, voltage range 1
35.5(2)
Slave transmitter mode
1.71 V ≤ VDD < 2.7 V, voltage range 1
24(2)
Slave transmitter mode
2.7 V ≤ VDD ≤ 3.6 V, voltage range 2
16
tsu(NSS) NSS setup time
Slave mode
4*Tpclk
--
ns
th(NSS) NSS hold time
Slave mode
2*Tpclk
--
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode(3)
tSCK/2 - 1 tSCK/2 tSCK/2 + 1
tsu(MI)
Data input setup time
Master mode
4.5
-
-
ns
tsu(SI)
Slave mode
2.5
-
-
th(MI)
Data input hold time
Master mode
2.0
-
-
th(SI)
Slave mode
1.0
-
-
ta(SO)
Data output access time
Slave mode
9
10.5
21.0
tdis(SO) Data output disable time
10.5
13.0
21.0
tv(SO)
Data output valid time
Slave mode (after enable edge)
2.7 V ≤ VDD ≤ 3.6 V, voltage range 1
-
10.5
14.0
ns
Slave mode (after enable edge)
1.71 V ≤ VDD < 2.7 V, voltage range 1
-
16.5
20.5
Slave mode (after enable edge)
2.7 V ≤ VDD ≤ 3.6 V, voltage range 2
-
14.0
18.5
Slave mode (after enable edge)
1.71 V ≤ VDD < 2.7 V, voltage range 2
-
21.0
25.5
tv(MO)
Master mode
-
0.5
2.0
th(SO)
Data output hold time
Slave mode
7.5
-
-
th(MO)
Master mode
0
-
-
1. Evaluated by characterization, not tested in production.
2. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI), which must fit into SCK low or
high phase preceding the SCK sampling edge. This value can be achieved when SPI communicates with a master having
tsu(MI) = 0 while Duty(SCK) = 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com