Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 70Page - STMicroelectronics STM32WBA50KG Datasheet HTML 71Page - STMicroelectronics STM32WBA50KG Datasheet HTML 72Page - STMicroelectronics STM32WBA50KG Datasheet HTML 73Page - STMicroelectronics STM32WBA50KG Datasheet HTML 74Page - STMicroelectronics STM32WBA50KG Datasheet HTML 75Page - STMicroelectronics STM32WBA50KG Datasheet HTML 76Page - STMicroelectronics STM32WBA50KG Datasheet HTML 77Page - STMicroelectronics STM32WBA50KG Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
Electrical characteristics
STM32WBA50KG
74/110
DS14688 Rev 1
AHB2
AHB2 bus(2)
0.27
0.18
µA/MHz
SRAM2
0.34
0.26
PKA
4.91
3.63
HSEM
0.08
0.07
RNG
0.88
0.69
HASH
1.47
1.11
AES
1.77
1.34
GPIOA
0.05
0.06
GPIOB
0.06
0.06
GPIOC
0.03
0.05
GPIOH
0.02
0.05
AHB4
AHB4 bus
0.00
0.03
µA/MHz
ADC4 kernel clock domain
1.60
1.17
ADC4 bus clock domain
2.76
2.03
PWR
0.04
0.02
AHB5
AHB5 bus + peripherals(3)
0.07
0.05
µA/MHz
APB1
AHB to APB1(4)
0.00
0.00
µA/MHz
TIM2
3.00
2.22
WWDG
0.21
0.16
APB2
AHB to APB2(4)
0.62
0.46
µA/MHz
TIM1
4.67
3.45
TIM16
1.63
1.22
USART1 kernel clock domain
3.21
2.39
USART1 bus clock domain
4.66
3.45
APB7
AHB to APB7(4)
0.27
0.22
µA/MHz
SYSCFG
0.32
0.24
SPI3 kernel clock domain
1.01
0.74
SPI3 bus clock domain
2.32
1.71
LPUART1 kernel clock domain
2.79
2.05
LPUART1 bus clock domain
3.97
2.94
I2C3 kernel clock domain
1.78
1.32
I2C3 bus clock domain
2.52
1.86
LPTIM1 kernel clock domain
4.40
3.26
LPTIM1 bus clock domain
5.33
3.96
RTC/TAMP
1.81
1.34
Table 44. Peripheral typical dynamic current consumption(1) (continued)
Bus
Peripheral
Range 1
Range 2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com