Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 65Page - STMicroelectronics STM32WBA50KG Datasheet HTML 66Page - STMicroelectronics STM32WBA50KG Datasheet HTML 67Page - STMicroelectronics STM32WBA50KG Datasheet HTML 68Page - STMicroelectronics STM32WBA50KG Datasheet HTML 69Page - STMicroelectronics STM32WBA50KG Datasheet HTML 70Page - STMicroelectronics STM32WBA50KG Datasheet HTML 71Page - STMicroelectronics STM32WBA50KG Datasheet HTML 72Page - STMicroelectronics STM32WBA50KG Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
Table 37. Current consumption in Run mode, with different codes running
from flash memory, Cache ON (2-way), Prefetch OFF(1)
Symbol Parameter
Conditions
Typ
Unit
Typ
Unit
25 °C
25 °C
-
Voltage scaling
Code
1.8 V
3.0 V
3.3 V
1.8 V
3.0 V
3.3 V
IDD
(Run)
Supply
current in
Run mode
All peripherals
disabled,
SRAM1 and
SRAM2
enabled
Range 2,
fHCLK1 = fHSI16 = 16 MHz
Reduced code
0.96
0.96
0.96
mA
59.7
59.7
59.8
µA/MHz
Coremark®
0.96
0.96
0.96
60.2
60.2
60.2
SecureMark
1.00
1.00
1.01
62.8
62.8
62.8
Dhrystone 2.1
1.03
1.03
1.03
64.1
64.1
64.2
Fibonacci
0.86
0.86
0.86
53.7
53.7
53.7
While(1)
0.67
0.67
0.67
41.8
41.8
41.8
Range 1,
fHCLK1 = fHSE32 = 32 MHz
Reduced code
2.25
2.37
2.41
70.3
74.2
75.2
Coremark®
2.26
2.39
2.42
70.6
74.6
75.6
SecureMark
2.40
2.52
2.56
74.9
78.8
79.8
Dhrystone 2.1
2.42
2.55
2.58
75.7
79.6
80.7
Fibonacci
2.06
2.18
2.22
64.3
68.2
69.2
While(1)
1.64
1.77
1.80
51.3
55.3
56.3
Range 1,
fHCLK1 = HSE32 + PLL at
100 MHz
Reduced code
6.37
6.49
6.52
63.7
64.9
65.2
Coremark®
6.41
6.53
6.56
64.1
65.3
65.6
SecureMark
6.73
6.86
6.89
67.3
68.6
68.9
Dhrystone 2.1
6.92
7.04
7.07
69.2
70.4
70.7
Fibonacci
5.85
5.97
6.01
58.5
59.7
60.1
While(1)
4.45
4.58
4.61
44.5
45.8
46.1
1. Evaluated by characterization, not tested in production, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com