Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 8Page - STMicroelectronics STM32WBA50KG Datasheet HTML 9Page - STMicroelectronics STM32WBA50KG Datasheet HTML 10Page - STMicroelectronics STM32WBA50KG Datasheet HTML 11Page - STMicroelectronics STM32WBA50KG Datasheet HTML 12Page - STMicroelectronics STM32WBA50KG Datasheet HTML 13Page - STMicroelectronics STM32WBA50KG Datasheet HTML 14Page - STMicroelectronics STM32WBA50KG Datasheet HTML 15Page - STMicroelectronics STM32WBA50KG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
Description
STM32WBA50KG
12/110
DS14688 Rev 1
Table 2. Device features and peripheral counts
Feature
STM32WBA50KG
Flash memory density
1024 Kbytes
SRAM density
SRAM1
16 Kbytes
SRAM2
48 Kbytes
Backup registers
32 x 32 bits
Bluetooth Low Energy
Yes
Real time clock (RTC)
Yes
Timers
Advanced control
1 (16-bit)
General purpose
1 (32-bit) + 1 (16-bit)
Low power
1 (16-bit)
SysTick
1
Watchdog (independent, window)
2
Communication
interfaces
SPI
1
I2C
1
USART
1
LPUART
1
Tamper pins (active tampers)(1)
1. Active tampers in output sharing mode (one output shared by all inputs).
3 (2)
Wake-up pins
8
GPIOs
20
Capacitive sensing (channels)
12
12-bit ADC
1 (8 channels)
True random number generator
Yes
Analog comparators
No
AES
Yes
Public key accelerator (PKA)
Yes
HASH
Yes
Maximum CPU frequency
100 MHz
Operating temperature
Ambient: -40 to 85 °C
Junction: -40 to 105 °C
Operating voltage
1.71 to 3.6 V
Package
UFQFPN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com