Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 23Page - STMicroelectronics STM32WBA50KG Datasheet HTML 24Page - STMicroelectronics STM32WBA50KG Datasheet HTML 25Page - STMicroelectronics STM32WBA50KG Datasheet HTML 26Page - STMicroelectronics STM32WBA50KG Datasheet HTML 27Page - STMicroelectronics STM32WBA50KG Datasheet HTML 28Page - STMicroelectronics STM32WBA50KG Datasheet HTML 29Page - STMicroelectronics STM32WBA50KG Datasheet HTML 30Page - STMicroelectronics STM32WBA50KG Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
DS14688 Rev 1
27/110
STM32WBA50KG
Functional overview
50
LSECSS
O
O
O
OO
OO
OO
O
IWDG
O
O
O
OO
OO
OO
O
RTC
O
O
O
OO
OO
OO
O
TAMP tamper pins
3
3
3
O3
O3
O3
O
GPIO pins
O
O
O
OO
OO/R(7) O(8) O/R(7) O(8)
U(S)ART1
O
O
O
O(9)
O
O(9)
-
--
-
LPUART1
O
O
O
O(9)
O
O(9)
-
--
-
I2C3
O
O
O
O(10)
O
O(10)
-
--
-
SPI3
O
O
O
O(11)
O
O(11)
-
--
-
ADC4
O
O
O
O(12)
O
O(12)
-
--
-
LPTIM1
O
O
O
O(13)
O
O(13)
-
--
-
GPDMA1
O
O
O
O(14)
R
--
--
-
TIMx (x = 1, 2, 16)
O
O
R
-R
--
--
-
TSC
O
O
R
-R
--
--
-
RNG
O
O
R
-R
--
--
-
AES
O
O
R
-R
--
--
-
PKA
O
O
R
-R
--
--
-
HASH
O
O
R
-R
--
--
-
CRC
O
O
R
-R
--
--
-
WWDG
O
O
R
-R
--
--
-
SysTick timer
O
O
R
-R
--
--
-
HSEM
O
R
R
-R
--
--
-
DBGMCU
O
O
O(15)
-O(15)
-O(16)
-O(16)
-
1. Legend: Y = yes (enabled). O = optional (disabled by default, can be enabled by software).R = retained, - = not available.
Gray cells highlight the wake-up capability in each mode.
2. The flash memory can be configured in power-down mode. By default, it is not in power-down mode.
3. The SRAMs can be powered on or off independently.
4. Parity error interrupt or NMI wake-up from Stop mode.
5. Some peripherals with autonomous mode and wake-up from Stop capability can request HSI16 to be enabled. In this case,
the oscillator is woken up by the peripheral, and is automatically put off when no peripheral needs it.
6. The 2.4 GHz RADIO peripheral in autonomous mode request HSE32 to be enabled. In this case, the oscillator is kept
active by the peripheral, and is automatically put off when it no longer needs it.
7. I/O levels can be retained with pull-up, pull-down, or floating.
8. There are 8 wake-up pins available.
Table 7. Functionalities depending on the working mode(1) (continued)
Peripheral
Run
Sleep
Stop 0
Stop 1
Standby
retention
Standby
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com