Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 67Page - STMicroelectronics STM32WBA50KG Datasheet HTML 68Page - STMicroelectronics STM32WBA50KG Datasheet HTML 69Page - STMicroelectronics STM32WBA50KG Datasheet HTML 70Page - STMicroelectronics STM32WBA50KG Datasheet HTML 71Page - STMicroelectronics STM32WBA50KG Datasheet HTML 72Page - STMicroelectronics STM32WBA50KG Datasheet HTML 73Page - STMicroelectronics STM32WBA50KG Datasheet HTML 74Page - STMicroelectronics STM32WBA50KG Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
DS14688 Rev 1
71/110
STM32WBA50KG
Electrical characteristics
103
Table 42. Current consumption in Standby retention mode(1)
Symbol
Parameter
Condition
Typ
Unit
VDD
25 °C 55 °C 85 °C
IDD(Standby)
Supply current in Standby mode,
SRAM1 retained, ULPMEN = 1
Standby
retention mode
1.8 V
2.25
4.85
14.8
µA
2.4 V
2.40
5.41
15.1
3.0 V
2.39
5.66
15.5
3.3 V
2.58
5.51
16.2
3.6 V
2.76
8.52
17.6
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 43. Current consumption in Standby mode(1)
Symbol
Parameter
Conditions
Typ
Unit
-VDD
25 °C
55 °C
85 °C
IDD(Standby)
Supply current in
Standby mode,
all peripherals
disabled
ULPMEN = 1
1.8 V
0.16
0.58
3.02
µA
2.4 V
0.18
0.64
3.29
3.0 V
0.24
0.79
3.81
3.3 V
0.37
1.06
4.50
3.6 V
0.71
1.69
5.93
ULPMEN = 0
1.8 V
1.26
1.71
4.05
2.4 V
1.61
2.07
4.57
3.0 V
2.00
2.54
5.34
3.3 V
2.29
2.96
6.18
3.6 V
2.81
3.77
7.71
Supply current in
Standby mode,
IWDG enabled
Clocked by LSI1, ULPMEN = 0
1.8 V
1.44
1.82
3.74
2.4 V
1.81
2.22
4.25
3.0 V
2.24
2.71
4.99
3.3 V
2.55
3.14
5.78
3.6 V
3.07
3.91
7.18
Clocked by LSI1 / 128,
ULPMEN = 0
1.8 V
1.37
1.74
3.67
2.4 V
1.71
2.12
4.13
3.0 V
2.10
2.58
4.85
3.3 V
2.40
2.98
5.61
3.6 V
2.89
3.73
7.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com