Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 12Page - STMicroelectronics STM32WBA50KG Datasheet HTML 13Page - STMicroelectronics STM32WBA50KG Datasheet HTML 14Page - STMicroelectronics STM32WBA50KG Datasheet HTML 15Page - STMicroelectronics STM32WBA50KG Datasheet HTML 16Page - STMicroelectronics STM32WBA50KG Datasheet HTML 17Page - STMicroelectronics STM32WBA50KG Datasheet HTML 18Page - STMicroelectronics STM32WBA50KG Datasheet HTML 19Page - STMicroelectronics STM32WBA50KG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
Functional overview
STM32WBA50KG
16/110
DS14688 Rev 1
JTAG/SWD interfaces are disabled. If the secret key was previously configured in
lower RDP levels, the device enables the RDP regression from Level 2 to Level 1
after password authentication through JTAG/SWD interface.
•
Write protection (WRP) to protect areas against erasing and programming. Two areas
can be selected with 8-Kbyte granularity.
The whole nonvolatile memory embeds the ECC (error correction code) feature supporting:
•
single-error detection and correction
•
double-error detection
•
ECC fail address report
3.6
Embedded SRAMs
SRAM1 and SRAM2 are the main SRAMs embedded in the devices, each with specific
features. Both can be used for peripherals background autonomous mode (BAM).
These SRAMs can be powered down in Stop mode to reduce consumption:
•
SRAM1: one 16-Kbyte block, can be retained in Standby mode
•
SRAM2: one 48-Kbyte block with parity, can be retained in Standby mode.
Table 3. Access status versus protection level and execution modes
Area
RDP
level
User execution
(boot from flash memory)
Debug/boot from RAM/bootloader(1)
Read
Write
Erase
Read
Write
Erase
Flash main memory
1
Yes
Yes
Yes
No
No
No(4)
2
Yes
Yes
Yes
N/A
N/A
N/A
System memory (2)
1
Yes
No
No
Yes
No
No
2
Yes
No
No
N/A
N/A
N/A
Option bytes(3)
1Yes
Yes(4)
N/A
Yes
Yes(4)
N/A
2
Yes
No
N/A
N/A
N/A
N/A
OTP
1Yes
Yes(5)
N/A
Yes
Yes(5)
N/A
2Yes
Yes(5)
N/A
N/A
N/A
N/A
Backup registers
1
Yes
Yes
N/A
No
No
N/A(6)
2
Yes
Yes
N/A
N/A
N/A
N/A
SRAM2
1
Yes
Yes
N/A
No
No
N/A(7)
2
Yes
Yes
N/A
N/A
N/A
N/A
1. When the protection level 2 is active, the debug port, the boot from RAM, and the boot from system memory are disabled.
2. The system memory is only read-accessible, whatever the protection level (0, 1 or 2) and execution mode.
3. Option bytes are accessible only through the flash memory interface registers and OPSTRT bit.
4. The flash main memory is erased when the RDP option byte changes from level 1 to level 0.
5. OTP can be written only once.
6. The backup registers are erased when RDP changes from level 1 to level 0.
7. All SRAMs are erased when RDP changes from level 1 to level 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com