Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 11Page - STMicroelectronics STM32WBA50KG Datasheet HTML 12Page - STMicroelectronics STM32WBA50KG Datasheet HTML 13Page - STMicroelectronics STM32WBA50KG Datasheet HTML 14Page - STMicroelectronics STM32WBA50KG Datasheet HTML 15Page - STMicroelectronics STM32WBA50KG Datasheet HTML 16Page - STMicroelectronics STM32WBA50KG Datasheet HTML 17Page - STMicroelectronics STM32WBA50KG Datasheet HTML 18Page - STMicroelectronics STM32WBA50KG Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
DS14688 Rev 1
15/110
STM32WBA50KG
Functional overview
50
•
Power consumption intrinsically reduced (more accesses to cache memory rather than
to bigger main memories), even improved by configuring ICACHE as direct mapped
(rather than the default two-ways set-associative mode)
•
Maintenance operation for software management of cache coherency
•
Error management: detection of unexpected cacheable write access, with optional
interrupt raising
3.3
Memory protection unit
The MPU is used to manage the CPU accesses to the memory and to prevent tasks to
accidentally corrupt the memory or the resources used by other active tasks. This memory
area is organized into up to 8 protected areas.
The MPU is especially helpful for applications where some critical or certified code must be
protected against the misbehavior of other tasks. It is usually managed by an RTOS (real-
time operating system). If a program accesses a memory location prohibited by the MPU,
the RTOS can detect it and take action. In an RTOS environment, the kernel can
dynamically update the MPU area setting based on the process to execute.
The MPU is optional and can be bypassed for applications that do not need it.
3.4
Multi-AHB bus matrix
A 32-bit multi-AHB bus matrix interconnects all the masters (CPU, GPDMA1) and the slaves
(flash memory, SRAMs, AHB, and APB) peripherals. It also ensures a seamless and
efficient operation even when several peripherals work simultaneously.
3.5
Embedded flash memory
The devices feature 1 Mbyte of embedded flash memory, available to store programs and
data. This memory supports 10000 cycles, and up to 100000 cycles on 32 pages
(256 Kbytes).
A 128-bit instruction prefetch is implemented and can optionally be enabled.
The flash memory contains 128 pages of 8 Kbytes, and embeds a 512-byte OTP (one time
programmable) for user data.
The configuration of flexible protections is possible thanks to the option bytes:
•
RDP (readout protection) to protect the whole memory, has four levels of protection
available (see Table 3):
–
Level 0: no readout protection
–
Level 1: memory readout protection
The flash memory cannot be read from or written to if either the debug features
are connected or the boot in SRAM or bootloader are selected. Regressions from
Level 1 to lower levels can be protected by password authentication.
–
Level 2: chip readout protection
The debug features, the boot in RAM and the bootloader selection are disabled. A
secret key can be configured to allow the regression capability from Level 2 to
Level 1. By default (key not configured), this Level 2 selection is irreversible and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com