Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 74Page - STMicroelectronics STM32WBA50KG Datasheet HTML 75Page - STMicroelectronics STM32WBA50KG Datasheet HTML 76Page - STMicroelectronics STM32WBA50KG Datasheet HTML 77Page - STMicroelectronics STM32WBA50KG Datasheet HTML 78Page - STMicroelectronics STM32WBA50KG Datasheet HTML 79Page - STMicroelectronics STM32WBA50KG Datasheet HTML 80Page - STMicroelectronics STM32WBA50KG Datasheet HTML 81Page - STMicroelectronics STM32WBA50KG Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
Electrical characteristics
STM32WBA50KG
78/110
DS14688 Rev 1
Figure 12. LSE typical application with a crystal
Note:
No external resistors are required between OSC32_IN and OSC32_OUT, and it is forbidden
to add one.
The clock input waveforms are shown in Figure 13 and Figure 14.
Figure 13. LSE external square clock source AC timing diagram
MS30253V2
OSC32_IN
OSC32_OUT
Drive
programmable
amplifier
fLSE
32.768 kHz
resonator
Resonator with integrated
capacitors
CL1
CL2
Table 50. LSE clock source requirements(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE
External clock source
frequency(2)
-
32.000 32.768
-
kHz
fTOL
Frequency tolerance
Includes initial accuracy,
stability over
temperature, and aging
Bluetooth
Low Energy
-500
-
500
ppm
VLSE_ext
Clock input voltage range
-
0
-
VDD
V
VLSE_ext_PP
Clock input peak-to-peak
amplitude(3)
-0.3
-
VDD
V
DuCyLSE
Duty cycle
-
40
-
60
%
1. Specified by design, not tested in production.
2. fLSE = 1/tLSE.
3. AC coupled is supported (10 pF capacitor).
t
DuCyLSE
VLSE_ext
tLSE = 1/fLSE
VLSE_ext_PP
DuCyLSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com