Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 22Page - STMicroelectronics STM32WBA50KG Datasheet HTML 23Page - STMicroelectronics STM32WBA50KG Datasheet HTML 24Page - STMicroelectronics STM32WBA50KG Datasheet HTML 25Page - STMicroelectronics STM32WBA50KG Datasheet HTML 26Page - STMicroelectronics STM32WBA50KG Datasheet HTML 27Page - STMicroelectronics STM32WBA50KG Datasheet HTML 28Page - STMicroelectronics STM32WBA50KG Datasheet HTML 29Page - STMicroelectronics STM32WBA50KG Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
Functional overview
STM32WBA50KG
26/110
DS14688 Rev 1
Here below some use-cases that can be done while remaining in Stop mode:
•
A/D conversion triggered by a low-power timer (or any other trigger)
–
wake-up from Stop mode on analog watchdog if the A/D conversion result is out of
programmed thresholds
–
wake-up from Stop mode on DMA buffer event
•
I2C slave reception or transmission, SPI reception, UART/LPUART reception
–
wake-up at the end of peripheral transfer or on DMA buffer event
•
I2C master transfer, SPI transmission, UART/LPUART transmission, triggered by a
low-power timer (or any other trigger):
–
example: sensor periodic read
–
wake-up at the end of peripheral transfer or on DMA buffer event
•
Bridges between peripherals
–
example: ADC converted data transferred by communication peripherals
•
Data transfer from/to GPIO to/from SRAM for:
–
controlling external components
–
implementing data transmission and reception protocols
Table 7. Functionalities depending on the working mode(1)
Peripheral
Run
Sleep
Stop 0
Stop 1
Standby
retention
Standby
-
-
-
CPU
Y
R
R
-R
--
--
-
Flash memory
O(2)
O(2)
R
-R
-R
-R
-
SRAM1
O
O
O(3)
-O(3)
-O(3)
-O(3)
-
SRAM2
O
O
O(3)
O(4)
O(3)
O(3)
-O(3)
-
Backup registers
O
O
O
-R
-R
-R
-
ICACHE
O
R
R
-R
--
--
-
2.4 GHz RADIO
O
R
O
R
O
R
OR
--
--
-
2.4 GHz RADIO SRAM
OROROR
-R
-R
--
-
SLEEP_TIMER
O
O
O
OO
OO
O-
-
BOR
Y
Y
Y
YY
YY
YY
Y
PVD
O
O
O
OO
O-
--
-
HSI16
O
O
O(5)
-O(5)
--
--
-
HSE32
O
O
O(6)
-
--
--
--
-
LSI
O
O
O
-O
-O
-O
-
LSE
O
O
O
-O
-O
-O
-
HSECSS
O
O
O
-
O-
--
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com