Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 9Page - STMicroelectronics STM32WBA50KG Datasheet HTML 10Page - STMicroelectronics STM32WBA50KG Datasheet HTML 11Page - STMicroelectronics STM32WBA50KG Datasheet HTML 12Page - STMicroelectronics STM32WBA50KG Datasheet HTML 13Page - STMicroelectronics STM32WBA50KG Datasheet HTML 14Page - STMicroelectronics STM32WBA50KG Datasheet HTML 15Page - STMicroelectronics STM32WBA50KG Datasheet HTML 16Page - STMicroelectronics STM32WBA50KG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
DS14688 Rev 1
13/110
STM32WBA50KG
Description
50
Figure 1 shows the general block diagram of the devices.
Figure 1. Block diagram
VDD domain
VDDA domain
VDDRF domain
RTC
IWDG
LSE
HSE32
32 MHz
HSI16
Power supply
BOR/PVD
APB1 and APB2 100 MHz
FLASH
with ECC
True RNG
LPTIM1
CRC
WWDG
I2C3
LPUART1
USART1
ICACHE
SRAM2
with parity and retention
Arm Cortex-M33
(FPU, DSP)
MPU
Power
management
regulator
SPI3
AES
PKA
TIM16
TIM2
HASH
TAMP
LSI1
TXRX
SRAM retention
Sequence SRAM
retention
SRAM1
with retention
ADC4
Temperature
sensor
2.4 GHz RADIO
2.4 GHz
RF
ADC 12-bit
2.5 Msps
RAMCFG
GPDMA1
8 Channel
RCC
PWR
EXTI
TIM1
TSC
SYSCFG
HSEM
GPIO
Ports A, B, C, H
PLL
S-BUS
C-BUS
DBGMCU
MS56632V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com