Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 68Page - STMicroelectronics STM32WBA50KG Datasheet HTML 69Page - STMicroelectronics STM32WBA50KG Datasheet HTML 70Page - STMicroelectronics STM32WBA50KG Datasheet HTML 71Page - STMicroelectronics STM32WBA50KG Datasheet HTML 72Page - STMicroelectronics STM32WBA50KG Datasheet HTML 73Page - STMicroelectronics STM32WBA50KG Datasheet HTML 74Page - STMicroelectronics STM32WBA50KG Datasheet HTML 75Page - STMicroelectronics STM32WBA50KG Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
Electrical characteristics
STM32WBA50KG
72/110
DS14688 Rev 1
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up or pull-down generate current consumption when the
pin is externally held to the opposite level. The value of this current consumption can be
simply computed by using the pull-up/pull-down resistors values given in Section 5.3.16.
For the output pins, any internal or external pull-up or pull-down and external load must also
be considered to estimate the current consumption.
An additional current consumption is due to I/Os configured as inputs when an intermediate
voltage level is applied externally. This is caused by the input Schmitt trigger circuits used to
discriminate the input value. Unless this specific configuration is required by the application,
this supply current consumption can be avoided by configuring these I/Os in analog mode.
This is the case of ADC input pins, which must be configured as analog inputs.
Caution:
Any floating input pin can settle to an intermediate voltage level or switch inadvertently, as a
result of external electromagnetic noise. To avoid current consumption related to floating
pins, they must be configured in analog mode, or forced internally to a definite digital value.
This can be done by using pull-up/down resistors, or by configuring the pins in output mode.
IDD(Standby
with RTC)
Supply current in
Standby mode, no
IWDG,
RTC enabled
Clocked by LSI1, ULPMEN = 0
1.8 V
1.48
1.85
3.78
µA
2.4 V
1.87
2.27
4.30
3.0 V
2.31
2.78
5.06
3.3 V
2.64
3.22
5.86
3.6 V
3.17
4.02
7.27
Clocked by LSI1 / 128,
ULPMEN = 0
1.8 V
1.36
1.74
3.67
2.4 V
1.71
2.12
4.15
3.0 V
2.11
2.58
4.85
3.3 V
2.40
2.98
5.61
3.6 V
2.90
3.75
7.02
Clocked by LSE bypass
32.768 kHz, ULPMEN = 0
1.8 V
1.51
1.89
4.03
2.4 V
1.91
2.32
4.55
3.0 V
2.36
2.84
5.36
3.3 V
2.70
3.28
6.16
3.6 V
3.24
4.06
7.61
Clocked by LSE crystal
32.768 kHz in medium
low-drive, ULPMEN = 0
1.8 V
1.66
1.98
3.43
2.4 V
2.03
2.37
3.90
3.0 V
2.45
2.89
4.77
3.3 V
2.76
3.32
5.54
3.6 V
3.29
4.06
6.84
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 43. Current consumption in Standby mode(1) (continued)
Symbol
Parameter
Conditions
Typ
Unit
-VDD
25 °C
55 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com