Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 63Page - STMicroelectronics STM32WBA50KG Datasheet HTML 64Page - STMicroelectronics STM32WBA50KG Datasheet HTML 65Page - STMicroelectronics STM32WBA50KG Datasheet HTML 66Page - STMicroelectronics STM32WBA50KG Datasheet HTML 67Page - STMicroelectronics STM32WBA50KG Datasheet HTML 68Page - STMicroelectronics STM32WBA50KG Datasheet HTML 69Page - STMicroelectronics STM32WBA50KG Datasheet HTML 70Page - STMicroelectronics STM32WBA50KG Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
DS14688 Rev 1
67/110
STM32WBA50KG
Electrical characteristics
103
5.3.6
Embedded voltage reference
The parameters in Table 35 are derived under ambient temperature and supply voltage
conditions summarized in Table 26.
Figure 11. VREFINT vs. temperature
2. Evaluated by characterization, not tested in production.
3. BOR0 is enabled in all modes, its consumption is therefore included in the supply current characteristics tables.
Table 35. Embedded internal voltage reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT(1)
Internal reference voltage
Range 1
1.175 1.209 1.243
V
Range 2
and low power modes
1.170 1.206 1.248
tS_vrefint(2)
ADC sampling time when reading
the internal reference voltage(3)
-
11.25
-
-
µs
tstart_vrefint(2)
Start time of reference voltage
buffer when ADC is enabled
--
4
6
∆VREFINT(4)
Internal reference voltage spread
over the temperature range
VDD = 3 V,
–40 °C ≤ TJ ≤ +130 °C
-8.2
-
mV
TCoeff(4)
Temperature coefficient
–40 °C ≤ TJ ≤ +130 °C
-
40
-
ppm/°C
ACoeff(2)
Long term stability
1000 hours, T = 25 °C
-
400
-
ppm
VDDCoeff(4)
Voltage coefficient
3.0 V ≤ VDD ≤ 3.6 V
-
500
-
ppm/V
1. VREFINT does not take into account package and soldering effects.
2. Specified by design, not tested in production.
3. The shortest sampling time can be determined in the application by multiple iterations.
4. Evaluated by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com