Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 26Page - STMicroelectronics STM32WBA50KG Datasheet HTML 27Page - STMicroelectronics STM32WBA50KG Datasheet HTML 28Page - STMicroelectronics STM32WBA50KG Datasheet HTML 29Page - STMicroelectronics STM32WBA50KG Datasheet HTML 30Page - STMicroelectronics STM32WBA50KG Datasheet HTML 31Page - STMicroelectronics STM32WBA50KG Datasheet HTML 32Page - STMicroelectronics STM32WBA50KG Datasheet HTML 33Page - STMicroelectronics STM32WBA50KG Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
Functional overview
STM32WBA50KG
30/110
DS14688 Rev 1
Figure 5. Clock tree
3.11
General-purpose input/output (GPIO)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions.
After reset, all GPIOs are in analog mode to reduce power consumption.
The I/Os alternate function configuration can be locked, if needed, following a specific
sequence in order to avoid spurious writing to the I/Os registers.
LSE OSC
32.768 kHz or
32.000 kHz
LSCO
to IWDG
HSE OSC
32 MHz
HSE CSS
OSC_IN
OSC_OUT
HSI16 RC
16 MHz
MCO
/1 - 16
/32
LSE CSS
/1000
PLL1
/P
/Q
/M
SYSCLK
HSI16
HSI16
HSE32
HSE32
pll1rclk
pll1rclk
LSE
LSI
sysclkpre
HSI16
HSE32PRE
hclk1
APB1
PPRE1
/1,2,4,8,16
to CPU, AHB1, AHB2, Flash, SRAM1
to CPU FCLK
/8
to CPU
system timer
pclk1
pclk2
to TIM2
to TIM1, 16, 17
to LPTIM1 kernel
to ADC4 kernel
to RTC and TAMP
x1 or x2
x1 or x2
HSI16
HSI16
pclk7
LSI
LSE
pll1pclk
SYSCLK
pclk7
LSE
to 2.4 GHz RADIO sleep timer
hclk5
to AHB5
to APB2
to APB1
to 2.4 GHz RADIO RF
hclk1
to RNG kernel
pll1qclk
pll1rclk
OSC32_IN
OSC32_OUT
LSI
LSE
LSE
xN
LSI
LSE
HSI16
HSE32
HSI16
SYSCLK
pclk2
LSE
LSI
LSE
APB7
PPRE7
/1,2,4,8,16
pclk7
to APB7
SYSCLK
HSI16
pll1pclk
pll1qclk
to SPI3
kernel
pclk7
HSI16
pll1pclk
pll1qclk
to AHB4
APB2
PPRE2
/1,2,4,8,16
SYSCLK
/2
HSE32
HSE_RF
HPRE
/1,2,4,8,16
LSI
HSEPRE
/1, 2
HPRE5
/1,2,3,4,6
HDIV5
/1,2
/R
to 2.4 GHz RADIO kernel
EN
PLLRPRE
SW, SWS
system clock
source control
ref_ck
hclk5
to
LPUART1
kernel
to UART1
kernel
to I2C3 kernel
pclk7
SYSCLK
HSI16
LSI1 RC ~32 kHz
/1, 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com