Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 99Page - STMicroelectronics STM32WBA50KG Datasheet HTML 100Page - STMicroelectronics STM32WBA50KG Datasheet HTML 101Page - STMicroelectronics STM32WBA50KG Datasheet HTML 102Page - STMicroelectronics STM32WBA50KG Datasheet HTML 103Page - STMicroelectronics STM32WBA50KG Datasheet HTML 104Page - STMicroelectronics STM32WBA50KG Datasheet HTML 105Page - STMicroelectronics STM32WBA50KG Datasheet HTML 106Page - STMicroelectronics STM32WBA50KG Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
DS14688 Rev 1
103/110
STM32WBA50KG
Electrical characteristics
103
Figure 25. JTAG timing diagram
Figure 26. SWD timing diagram
Table 80. SWD characteristics(1)
1. Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSWCLK
1/tc(SWCLK)
SWCLK clock frequency
2.7 V ≤ VDD ≤ 3.6 V
-
-
62.5
MHz
1.71 V ≤ VDD < 2.7 V
-
-
34
tisu(SWDIO) SWDIO input setup time
-
1
-
-
ns
tih(SWDIO) SWDIO input hold time
-
2.5
-
-
tov(SWDIO) SWDIO output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
12
16
1.71 V ≤ VDD < 2.7 V
-
12
29
toh(SWDIO) SWDIO output hold time
-
8.5
-
-
MSv40458V1
TDI/TMS
TCK
TDO
tc(TCK)
tw(TCKL) t
w(TCKH)
th(TMS/TDI)
tsu(TMS/TDI)
tov(TDO)
toh(TDO)
MSv40459V1
SWDIO
SWCLK
SWDIO
tc(SWCLK)
twSWCLKL) tw(SWCLKH)
th(SWDIO)
tsu(SWDIO)
tov(SWDIO)
toh(SWDIO)
(receive)
(transmit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com