| Electronic Components Datasheet Search |
|
SN8F5708 Datasheet(PDF) 56 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8F5708 Datasheet(HTML) 56 Page - SONiX Technology Company |
|
56 / 204 page ![]() www.sonix.com.tw SN8F5708 Series Copyright © 2019, SONiX Technology Co., Ltd. System Operating Mode Datasheet Rev. 2.4 56 9.3 IDLE Mode The IDLE mode is another system ideal status not like STOP mode. In STOP mode, all functions and hardware devices are disabled. But in IDLE mode, the system clock source keeps running, so the power consumption of IDLE mode is larger than STOP mode. In IDLE mode, the program isn’t executed, but the timer with wake-up function is active as enabled, and the timer clock source is the non-stop system clock. The IDLE mode has 2 wake-up sources. One is the P0/P1 level change trigger wake-up. The other one is any interrupt in EAL = 1 & function interrupt enable. That’s mean users can setup any function with interrupt enable, and the system is waked up until the interrupt issue. Inserting IDLE mode is controlled by idle bit of PCON register. When idle = 1, the system inserts into IDLE mode. After system wake-up from IDLE mode, the idle bit is disabled (zero status) automatically. The program stops executing, and full functions are disabled. Only the timer with wake-up function is active. The oscillator to be the system clock source keeps running, and the other oscillators operation is depend on system operation mode configuration. If inserting IDLE mode from normal mode, the system insets to normal mode after wake-up. The IDLE mode wake-up sources are P0/P1 level change trigger. If the function clock source is system clock, the functions are workable as enabled and under IDLE mode, e.g. Timer, PWM, event counter… All interrupt in EAL = 1 & function interrupt enable can wake-up in IDLE mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |