Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 61 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 61 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 57Page - SONiX Technology Company SN8F5708 Datasheet HTML 58Page - SONiX Technology Company SN8F5708 Datasheet HTML 59Page - SONiX Technology Company SN8F5708 Datasheet HTML 60Page - SONiX Technology Company SN8F5708 Datasheet HTML 61Page - SONiX Technology Company SN8F5708 Datasheet HTML 62Page - SONiX Technology Company SN8F5708 Datasheet HTML 63Page - SONiX Technology Company SN8F5708 Datasheet HTML 64Page - SONiX Technology Company SN8F5708 Datasheet HTML 65Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Interrupt
Datasheet Rev. 2.4
61
IP0, IP1 Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IP0
-
-
IP05
IP04
IP03
IP02
IP01
IP00
IP1
-
-
IP15
IP14
IP13
IP12
IP11
IP10
IP0 Register (0XA9)
Bit
Field
Type
Initial
Description
5..0
IP0[5:0]
R/W
0
Interrupt priority. Each bit together with corresponding
bit from IP1 register specifies the priority level of the
respective interrupt priority group.
Else
Reserved
R
0
IP1 Register (0XB9)
Bit
Field
Type
Initial
Description
5..0
IP1[5:0]
R/W
0
Interrupt priority. Each bit together with corresponding
bit from IP0 register specifies the priority level of the
respective interrupt priority group.
Else
Reserved
R
0
10.3
Interrupt Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IEN0
EAL
-
ET2
ES0
ET1
EX1
ET0
EX0
IEN1
ET2RL
-
ET2C3
ET2C2
ET2C1
ET2C0
ESPI
EI2C
IEN2
-
-
ECMP1
ECMP0
EADC
EPWM3
EPWM2
-
IEN4
EPWM1
EX2
-
-
PWM1F
IE2
-
-
IRCON
TF2RL
TF2
TF2C3
TF2C2
TF2C1
TF2C0
-
-
IRCON2
-
-
-
CMP1F
CMP0F
ADCF
PWM3F
PWM2F
TCON
TF1
TR1
TF0
TR0
IE1
-
IE0
-
S0CON
SM0
SM1
SM20
REN0
TB80
RB80
TI0
RI0
SPSTA
SPIF
WCOL
SSERR
MODF
-
-
-
-
I2CCON
CR2
ENS1
STA
STO
SI
AA
CR1
CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com