Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 57 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 57 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 53Page - SONiX Technology Company SN8F5708 Datasheet HTML 54Page - SONiX Technology Company SN8F5708 Datasheet HTML 55Page - SONiX Technology Company SN8F5708 Datasheet HTML 56Page - SONiX Technology Company SN8F5708 Datasheet HTML 57Page - SONiX Technology Company SN8F5708 Datasheet HTML 58Page - SONiX Technology Company SN8F5708 Datasheet HTML 59Page - SONiX Technology Company SN8F5708 Datasheet HTML 60Page - SONiX Technology Company SN8F5708 Datasheet HTML 61Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
System Operating Mode
Datasheet Rev. 2.4
57
9.4 Wake up
Under STOP mode (sleep mode) or idle mode, program doesn’t execute. The wakeup trigger can
wake the system up to normal mode. The wakeup trigger sources are external trigger (P0/P1 level
change) and internal trigger (any interrupt in EAL = 1 & function interrupt enable). The wakeup
function builds in interrupt operation issued request flag and trigger system executing interrupt
service routine as system wakeup occurrence.
When the system is in STOP mode the high clock oscillator stops. When waked up from STOP mode,
MCU waits for 2048 external high-speed oscillator clocks + 5 internal low-speed oscillator clocks
and 64 internal high-speed oscillator clocks + 5 internal low-speed oscillator clocks as the wakeup
time to stable the oscillator circuit. After the wakeup time, the system goes into the normal mode.
The value of the external high clock oscillator wakeup time is as the following.
The Wakeup time = 1/Fosc * 2048 (sec) + 1/Flosc * 5 + high clock start-up time
Example: In STOP mode (sleep mode), the system is waked up. After the wakeup time, the system
goes into normal mode. The wakeup time is as the following.
The wakeup time = 1/Fosc * 2048 + 1/Flosc * 5 = 0.825 ms (Fosc = 4MHz)
The total wakeup time = 0.825 ms + oscillator start-up time
The value of the internal high clock oscillator RC type wakeup time is as the following.
The Wakeup time = 1/Fosc * 64 (sec) + 1/Flosc * 5 + high clock start-up time
Example: In STOP mode (sleep mode), the system is waked up. After the wakeup time, the system
goes into normal mode. The wakeup time is as the following.
The wakeup time = 1/Fosc * 64 + 1/Flosc * 5= 315 us (Fhosc = 32MHz)
Note: The high clock start-up time is depended on the VDD and oscillator type of
high clock.
Under STOP mode and green mode, the I/O ports with wakeup function are able to wake the
system up to normal mode. The wake-up trigger edge is level changing in rising edge or falling edge.
The Port 0 and Port 1 have wakeup function. Port 0 wakeup functions always enables, but the Port
1 is controlled by the P1W register.
P1W Register (0x91)
Bit
Field
Type
Initial
Description
7..0
P1nW
R/W
0
0: Disable P1.n wakeup functionality
1: Enable P1.n wakeup functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com