Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 94 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 94 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 90Page - SONiX Technology Company SN8F5708 Datasheet HTML 91Page - SONiX Technology Company SN8F5708 Datasheet HTML 92Page - SONiX Technology Company SN8F5708 Datasheet HTML 93Page - SONiX Technology Company SN8F5708 Datasheet HTML 94Page - SONiX Technology Company SN8F5708 Datasheet HTML 95Page - SONiX Technology Company SN8F5708 Datasheet HTML 96Page - SONiX Technology Company SN8F5708 Datasheet HTML 97Page - SONiX Technology Company SN8F5708 Datasheet HTML 98Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Timer 2
Datasheet Rev. 2.4
94
IEN1
ET2RL
-
ET2C3
ET2C2
ET2C1
ET2C0
ESPI
EI2C
IRCON
TF2RL
TF2
TF2C3
TF2C2
TF2C1
TF2C0
-
-
T2CON Register (0xC8)
Bit
Field
Type
Initial
Description
7
T2PS
R/W
0
Timer 2 pre-scalar
0: fcpu/12
1: fcpu/24
6
I3FR
R/W
0
In compare mode:
0: The COM0 interrupt would be generated when the
TH2/TL2 becomes not equal to the CRC register (e.g.
Timer 2: 0x8081, CRC: 0x8080).
1: The COM0 interrupt would be generated when the
TH2/TL2 becomes equal to the CRC register.
In capture mode 0:
0: The timer 2 content would be latched into CRC
register by T2CC0 is falling edge.
1: The timer 2 content would be latched into CRC
register by T2CC0 is rising edge.
5
Reserved
R/W
0
4..3
T2R[1:0]
R/W
00
Specified Timer 2 reload value
00: Disable
01: Disable
10: Load CRCH/CRCL to TH2/TL2 by counter overflow
11: Load CRCH/CRCL to TH2/TL2 by T2RL pin
2
T2CM
R/W
0
Timer 2 comparison output
0: Directly output method
1: Indirectly output, next output status can be specified
1..0
T2I[1:0]
R/W
00
Timer 2 up counting control
00: Disable
01: Clock rate is defined by T2PS
10: Clock source is T2 pin
11: Clock rate is defined by T2PS with T2 pin gate control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com