Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 59 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 59 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 55Page - SONiX Technology Company SN8F5708 Datasheet HTML 56Page - SONiX Technology Company SN8F5708 Datasheet HTML 57Page - SONiX Technology Company SN8F5708 Datasheet HTML 58Page - SONiX Technology Company SN8F5708 Datasheet HTML 59Page - SONiX Technology Company SN8F5708 Datasheet HTML 60Page - SONiX Technology Company SN8F5708 Datasheet HTML 61Page - SONiX Technology Company SN8F5708 Datasheet HTML 62Page - SONiX Technology Company SN8F5708 Datasheet HTML 63Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Interrupt
Datasheet Rev. 2.4
59
10.1
Interrupt Operation
Interrupt operation is controlled by interrupt request flag and interrupt enable bits. Interrupt
request flag is interrupt source event indicator, no matter what interrupt function status (enable or
disable). Both interrupt enable bit and global interrupt (EAL=1) are enabled, the system executes
interrupt operation when each of interrupt request flags actives. The program counter points to
interrupt vector (0x03 – 0xEB) and execute ISR.
10.2
Interrupt Priority
Each interrupt source has its specific default priority order. If two interrupts occurs simultaneously,
the higher priority ISR will be service first. The lower priority ISR will be serviced after the higher
priority ISR completes. The next ISR will be service after the previous ISR complete, no matter the
priority order.
For special priority needs, 4-level priority levels (Level 0 – Level 3) are used. All interrupt sources
are classified into 6 priority groups (Group0 – Group5). Each group can be set one specific priority
level. Priority level is selected by IP0/IP1 registers. Level 3 is the highest priority and Level 0 is the
lowest. The interrupt sources inside the same group will share the same priority level. With the
same priority level, the priority rule follows default priority.
Priority Level
IP1.x
IP0.x
Level 0
0
0
Level 1
0
1
Level 2
1
0
Level 3
1
1
The ISR with the higher priority level can be serviced first; even can break the on-going ISR with
the lower priority level. The ISR with the lower priority level will be pending until the ISR with the
higher priority level completes.
Group
Interrupt Source
Group 0
INT0
PWM1
I2C
Group 1
Timer 0
PWM2
SPI
Group 2
INT1
PWM3
T2COM0
Group 3
Timer 1
ADC
T2COM1
Group 4
UART
Comparator 0
T2COM2
Group 5
Timer 2
Comparator 1
INT2
T2COM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com