Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 41 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 41 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 37Page - SONiX Technology Company SN8F5708 Datasheet HTML 38Page - SONiX Technology Company SN8F5708 Datasheet HTML 39Page - SONiX Technology Company SN8F5708 Datasheet HTML 40Page - SONiX Technology Company SN8F5708 Datasheet HTML 41Page - SONiX Technology Company SN8F5708 Datasheet HTML 42Page - SONiX Technology Company SN8F5708 Datasheet HTML 43Page - SONiX Technology Company SN8F5708 Datasheet HTML 44Page - SONiX Technology Company SN8F5708 Datasheet HTML 45Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Reset and Power-on Controller
Datasheet Rev. 2.4
41
7.4 Watchdog Reset
Watchdog is a periodic reset signal generator for the purpose of monitoring the execution flow. Its
internal timer is expected to be cleared in a check point of program flow; therefore, the actual
reset signal would be generated only after a software problem occurs. Writing 0x5A to WDTR is the
proper method to place a check point in program.
1
WDTR = 0x5A;
Watchdog timer interval time = 256 * 1/ (Internal Low-Speed oscillator frequency/WDT Pre-scalar)
= 256 / (FILRC /WDT Pre-scaler) …sec
Internal low-speed
oscillator
WDT
pre-scaler
Watchdog interval time
FILRC =16 kHz
FILRC /4
256/(16000/4)=64ms
FILRC /8
256/(16000/8)=128ms
FILRC /16
256/(16000/16)=256ms
FILRC /32
256/(16000/32)=512ms
The operation mode of watchdog is configurable in options file:
Always mode counts its internal timer in all CPU operation modes (normal, IDLE, SLEEP);
Enable mode counts its internal timer during CPU stays in normal mode, and it would not trigger
watchdog reset in IDLE and STOP modes;
Disable mode suspends its internal timer at all CPU modes, and the watchdog would not trigger in
this condition.
When watchdog is operating in always mode, the system will consume additional power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com