Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 35 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 35 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 31Page - SONiX Technology Company SN8F5708 Datasheet HTML 32Page - SONiX Technology Company SN8F5708 Datasheet HTML 33Page - SONiX Technology Company SN8F5708 Datasheet HTML 34Page - SONiX Technology Company SN8F5708 Datasheet HTML 35Page - SONiX Technology Company SN8F5708 Datasheet HTML 36Page - SONiX Technology Company SN8F5708 Datasheet HTML 37Page - SONiX Technology Company SN8F5708 Datasheet HTML 38Page - SONiX Technology Company SN8F5708 Datasheet HTML 39Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Special Function Registers
Datasheet Rev. 2.4
35
PSW Register (0xD0)
Bit
Field
Type
Initial
Description
7
CY
R/W
0
Carry flag.
0: Addition without carry, subtraction with borrowing
signal, rotation with shifting out logic “0”, comparison
result < 0.
1: Addition with carry, subtraction without borrowing,
rotation with shifting out logic “1”, comparison
result ≥ 0.
6
AC
R/W
0
Auxiliary carry flag.
0: If there is no a carry-out from 3rd bit of Accumulator
in BCD operations.
1: If there is a carry-out from 3rd bit of Accumulator in
BCD operations.
5
F0
R/W
0
General purpose flag 0. General purpose flag available
for user.
4..3
RS[1:0]
R/W
00
Register bank select control bit, used to select working
register bank.
00: 00H – 07H (Bnak0)
01: 08H – 0FH (Bnak1)
10: 10H – 17H (Bnak2)
11: 18H – 1FH (Bnak3)
2
OV
R/W
0
Overflow flag.
0: Non-overflow in Accumulator during arithmetic
Operations.
1: overflow in Accumulator during arithmetic
Operations.
1
F1
R/W
0
General purpose flag 1. General purpose flag available
for user.
0
P
R
0
Parity flag. Reflects the number of ‘1’s in the
Accumulator.
0: if Accumulator contains an even number of ‘1’s.
1: Accumulator contains an odd number of ‘1’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com