Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 2 Page - SONiX Technology Company

  SN8F5708 Datasheet HTML 1Page - SONiX Technology Company SN8F5708 Datasheet HTML 2Page - SONiX Technology Company SN8F5708 Datasheet HTML 3Page - SONiX Technology Company SN8F5708 Datasheet HTML 4Page - SONiX Technology Company SN8F5708 Datasheet HTML 5Page - SONiX Technology Company SN8F5708 Datasheet HTML 6Page - SONiX Technology Company SN8F5708 Datasheet HTML 7Page - SONiX Technology Company SN8F5708 Datasheet HTML 8Page - SONiX Technology Company SN8F5708 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Device Overview
Datasheet Rev. 2.4
2
1
Device Overview
1.1 Features
- Enhanced 8051 microcontroller with reduced
instruction cycle time (up to 12 times 80C51)
- Up to 8 MHz flexible CPU frequency
- Internal 32 MHz Clock Generator (IHRC),
1 MHz to 16 MHz crystal, and external
synchronous clock source selections
- Real-time clock with 32.768 kHz crystal
- 16 KB non-volatile flash memory (IROM) with
in-system program support
- 256 bytes internal RAM (IRAM)
- 1 KB external RAM (XRAM)
- 19 interrupt sources with priority levels
control and unique interrupt vectors
- 16 internal interrupts
- 3 external interrupts: INT0, INT1, INT2
- Hardware Multiplication/Division Unit
- 2 set of DPTR
- 2 set 8/16-bit timers with 4 operation modes
- 1 set 16-bit timers with 4 comparison output
(PWM) and capture channels
- 3 set 16-bit PWM generators:
each PWM generator has 2 output channels
with inverters and dead-band control
- 12-bit SAR ADC with 12 external and 3 internal
channels, and 4 internal reference voltages
- SPI, UART, I2C interface with SMBus Support
- On-Chip Debug Support:
Single-wire debug interface
5 hardware breakpoints
Unlimited software breakpoints
ROM data security/protection
- Watchdog and programmable external reset
- 1.8/2.4/3.3-V low voltage detectors
- Wide supply voltage (1.8 V – 5.5 V) and
temperature (-40 °C to 85 °C) range
1.2 Applications
- Brushless DC motor
- Home automation
- Household
- Other
1.3 Features Selection Table
SN8F5708
46
10
V
V
V
12
2
2
3
LQFP48,QFN48
SN8F570870
44
10
V
V
V
12
2
2
3
QFN46
SN8F5707
42
10
V
V
V
12
2
2
3
LQFP44
SN8F57086
38
10
V
V
V
12
1
2
3
QFN40
SN8F5705
30
9
V
V
V
7
2
2
1
LQFP32,QFN32
SN8F57084
26
9
V
V
V
7
1
1
2
SKDIP28,SOP28,TSSOP28,QFN28
SN8F57082
18
6
V
-
V
7
-
-
2
SOP20,TSSOP20
SN8F570822
18
8
-
-
-
8
-
1
3
TSSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com